Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

INA826_1112 Fiches technique(PDF) 17 Page - Texas Instruments

No de pièce INA826_1112
Description  Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

INA826_1112 Fiches technique(HTML) 17 Page - Texas Instruments

Back Button INA826_1112 Datasheet HTML 13Page - Texas Instruments INA826_1112 Datasheet HTML 14Page - Texas Instruments INA826_1112 Datasheet HTML 15Page - Texas Instruments INA826_1112 Datasheet HTML 16Page - Texas Instruments INA826_1112 Datasheet HTML 17Page - Texas Instruments INA826_1112 Datasheet HTML 18Page - Texas Instruments INA826_1112 Datasheet HTML 19Page - Texas Instruments INA826_1112 Datasheet HTML 20Page - Texas Instruments INA826_1112 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
A
1
A
2
A
3
7
50kW
50kW
50kW
50kW
8
5
4
3
2
1
-IN
+IN
R
G
V+
V-
Device
G=1+
49.4kW
R
G
6
RFIFilter
24.7kW
24.7kW
RFIFilter
Load
V =G
(V
´
V
-
)
O
IN+
IN-
0.1 F
m
0.1 F
m
+
-
V
O
R
G
Alsodrawninsimplifiedform:
Device
REF
V
O
-IN
+IN
REF
R
(1)
S
R
(1)
S
INA826
www.ti.com
SBOS562B
– AUGUST 2011 – REVISED DECEMBER 2011
APPLICATION INFORMATION
Figure 58 shows the basic connections required for operation of the INA826. Good layout practice mandates the
use of bypass capacitors placed as close to the device pins as possible.
The output of the INA826 is referred to the output reference (REF) terminal, which is normally grounded. This
connection must be low-impedance to assure good common-mode rejection. Although 5
Ω or less of stray
resistance can be tolerated while maintaining specified CMRR, small stray resistances of tens of ohms in series
with the REF pin can cause noticeable degradation in CMRR.
(1) This resistor is optional if the input voltage stays above [(V
–) – 2 V] or the signal source current drive capability is limited to less than 3.5
mA. See the Input Protection section for more details.
Figure 58. Basic Connections
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): INA826


Numéro de pièce similaire - INA826_1112

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
INA826 TI1-INA826_12 Datasheet
1Mb / 43P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply
INA826 TI1-INA826_13 Datasheet
1Mb / 43P
[Old version datasheet]   Supply Instrumentation Amplifier
More results

Description similaire - INA826_1112

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
INA826 TI1-INA826 Datasheet
1Mb / 39P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
SEPTEMBER2011
INA826S TI1-INA826S Datasheet
1Mb / 40P
[Old version datasheet]   Precision, 200-uA Supply Current, 3-V to 36-V Supply Instrumentation Amplifier With Rail-to-Rail Output and Shutdown
INA826 TI1-INA826_12 Datasheet
1Mb / 43P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply
TLV07 TI1-TLV07 Datasheet
263Kb / 21P
[Old version datasheet]   36-V Precision, Rail-to-Rail Output Operational Amplifier
logo
Analog Devices
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
logo
Burr-Brown (TI)
INA155 BURR-BROWN-INA155 Datasheet
140Kb / 11P
   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8426 AD-AD8426 Datasheet
284Kb / 20P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8226ARMZ AD-AD8226ARMZ Datasheet
685Kb / 28P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
AD8227 AD-AD8227_16 Datasheet
539Kb / 25P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com