Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD97370Q5M Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce CSD97370Q5M
Description  Synchronous Buck NexFET??Power Stage
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CSD97370Q5M Fiches technique(HTML) 2 Page - Texas Instruments

  CSD97370Q5M Datasheet HTML 1Page - Texas Instruments CSD97370Q5M Datasheet HTML 2Page - Texas Instruments CSD97370Q5M Datasheet HTML 3Page - Texas Instruments CSD97370Q5M Datasheet HTML 4Page - Texas Instruments CSD97370Q5M Datasheet HTML 5Page - Texas Instruments CSD97370Q5M Datasheet HTML 6Page - Texas Instruments CSD97370Q5M Datasheet HTML 7Page - Texas Instruments CSD97370Q5M Datasheet HTML 8Page - Texas Instruments CSD97370Q5M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
CSD97370Q5M
SLPS314B
– JUNE 2011 – REVISED OCTOBER 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1)
TA = 25°C (unless otherwise noted)
VALUE
UNIT
MIN
MAX
VIN to PGND
(2)
30
V
VSW to PGND , VIN to VSW
-0.8
30
V
VSW to PGND (10ns)
-7
32
V
VDD to PGND
–0.3
6
V
ENABLE to PGND
(3)
–0.3
VDD + 0.3
V
PWM to PGND
(3)
–0.3
VDD + 0.3
V
BOOT to BOOT_R(3)
–0.3
VDD + 0.3
V
Human Body Model (HBM)
2
kV
ESD Rating
Charged Device Model (CDM)
500
V
Power Dissipation, PD
12
W
Operating Temperature Range, TJ
-40
150
°C
Storage Temperature Range, TSTG
–55
150
°C
(1)
Stresses above those listed in
"Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only
and functional operation of the device at these or any other conditions beyond those indicated under
"Recommended Operating
Conditions
" is not implied. Exposure to Absolute Maximum rated conditions for extended periods may affect device reliability.
(2)
VIN to VSW Max = 32V for 10ns
(3)
Should not exceed 6V
RECOMMENDED OPERATING CONDITIONS
TA = 25° (unless otherwise noted)
Parameter
Conditions
MIN
MAX
UNIT
Gate Drive Voltage, VDD
4.5
5.5
V
Input Supply Voltage, VIN
3.3
22
V
Output Voltage, VOUT
5.5
V
Continuous Output Current, IOUT
VIN = 12V, VDD = 5V, VOUT = 1.2V,
40
A
fSW = 500kHz, LOUT = 0.3µH
(1)
Peak Output Current, IOUT-PK
(2)
60
A
Switching Frequency, fSW
CBST = 0.1µF (min)
200
2000
kHz
On Time Duty Cycle
85%
Minimum PWM On Time
40
ns
Operating Temperature
–40
125
°C
(1)
Measurement made with six 10-
µF (TDK C3216X5R1C106KT or equivalent) ceramic capacitors placed across VIN to PGND pins.
(2)
System conditions as defined in Note 1. Peak Output Current is applied for tp = 50µs.
THERMAL INFORMATION
TA = 25°C (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Thermal Resistance, Junction-to-Case (Top of package)
20
°C/W
RθJB
Thermal Resistance, Junction-to-Board(1)
2
°C/W
(1)
RθJB value based on hottest board temperature within 1mm of the package.
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Numéro de pièce similaire - CSD97370Q5M

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD97370Q5M TI1-CSD97370Q5M Datasheet
923Kb / 22P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
JUNE2011
CSD97370Q5M TI-CSD97370Q5M_15 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
More results

Description similaire - CSD97370Q5M

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD95375Q4M TI-CSD95375Q4M Datasheet
911Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M TI1-CSD97370Q5M Datasheet
923Kb / 22P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
JUNE2011
CSD96370Q5M TI-CSD96370Q5M Datasheet
950Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97396Q4M TI1-CSD97396Q4M Datasheet
497Kb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD97374Q4M TI1-CSD97374Q4M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD96370Q5M TI-CSD96370Q5M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD96371Q5M TI-CSD96371Q5M Datasheet
1Mb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD95372AQ5M TI-CSD95372AQ5M Datasheet
1Mb / 24P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD95373AQ5M TI1-CSD95373AQ5M Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD97370Q5M TI-CSD97370Q5M_15 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com