Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD97370Q5M Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce CSD97370Q5M
Description  Synchronous Buck NexFET??Power Stage
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CSD97370Q5M Fiches technique(HTML) 5 Page - Texas Instruments

  CSD97370Q5M Datasheet HTML 1Page - Texas Instruments CSD97370Q5M Datasheet HTML 2Page - Texas Instruments CSD97370Q5M Datasheet HTML 3Page - Texas Instruments CSD97370Q5M Datasheet HTML 4Page - Texas Instruments CSD97370Q5M Datasheet HTML 5Page - Texas Instruments CSD97370Q5M Datasheet HTML 6Page - Texas Instruments CSD97370Q5M Datasheet HTML 7Page - Texas Instruments CSD97370Q5M Datasheet HTML 8Page - Texas Instruments CSD97370Q5M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Shoot
Through
Control
V
DD
V
SW
P
GND
B0433-01
PWM
EN
Boot
V
IN
Boot_R
Control
FET
Sync
FET
UVLO
and
ControlLogic
V
POR
V
DD
UVLO
1.0V
1.0V
GateDrive
LatchZone
T0487-01
CSD97370Q5M
www.ti.com
SLPS314B
– JUNE 2011 – REVISED OCTOBER 2011
Figure 3. Functional Block Diagram
FUNCTIONAL DESCRIPTION
POWERING CSD97370Q5M AND GATE DRIVERS
An external VDD voltage is required to supply the integrated gate driver IC and provide the necessary gate drive
power for the MOSFETS. The gate driver IC is capable of supplying in excess of 4 Amps peak current into the
MOSFET gates to achieve fast switching. A 1uF 10V X5R or higher ceramic capacitor is recommended to
bypass VDD pin to PGND. A bootstrap circuit to provide gate drive power for the Control FET is also included.
The bootstrap supply to drive the Control FET is generated by connecting a 100nF 16V X5R ceramic capacitor
between BOOT and BOOT_R pins. An optional RBOOT resistor which can be used to slow down the turn on
speed of the Control FET and reduce voltage spikes on the Vsw node. A typical 1
Ω to 4.7Ω value is a
compromise between switching loss and VSW spike amplitude.
UVLO (Under Voltage Lock Out)
The VDD supply is monitored for UVLO conditions and both Control FET and Sync FET gates are held low until
adequate supply is available. An internal comparator evaluates the VDD voltage level and if VDD is greater than
the Power On Reset threshold (VPOR) the gate driver becomes active. If VDD is less than the UVLO threshold, the
gate driver is disabled and the internal MOSFET gates are actively driven low. At the rising edge of the VDD
voltage, both Control FET and Sync FET gates will be actively held low during VDD transitions between 1.0V to
VPOR. This region is referred to the Gate Drive Latch Zone (see Figure 4). In addition, at the falling edge of the
VDD voltage, both Control FET and Sync FET gates are actively held low during the UVLO to 1.0V transition.
The Power Stage CSD97370Q5M device must be powered up and Enabled before the PWM signal is applied.
Figure 4. POR and UVLO
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5


Numéro de pièce similaire - CSD97370Q5M

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD97370Q5M TI1-CSD97370Q5M Datasheet
923Kb / 22P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
JUNE2011
CSD97370Q5M TI-CSD97370Q5M_15 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
More results

Description similaire - CSD97370Q5M

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD95375Q4M TI-CSD95375Q4M Datasheet
911Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M TI1-CSD97370Q5M Datasheet
923Kb / 22P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
JUNE2011
CSD96370Q5M TI-CSD96370Q5M Datasheet
950Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97396Q4M TI1-CSD97396Q4M Datasheet
497Kb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD97374Q4M TI1-CSD97374Q4M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD96370Q5M TI-CSD96370Q5M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD96371Q5M TI-CSD96371Q5M Datasheet
1Mb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD95372AQ5M TI-CSD95372AQ5M Datasheet
1Mb / 24P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD95373AQ5M TI1-CSD95373AQ5M Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD97370Q5M TI-CSD97370Q5M_15 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com