Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD86330Q3D Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce CSD86330Q3D
Description  Synchronous Buck NexFET??Power Block
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CSD86330Q3D Fiches technique(HTML) 8 Page - Texas Instruments

Back Button CSD86330Q3D_11 Datasheet HTML 4Page - Texas Instruments CSD86330Q3D_11 Datasheet HTML 5Page - Texas Instruments CSD86330Q3D_11 Datasheet HTML 6Page - Texas Instruments CSD86330Q3D_11 Datasheet HTML 7Page - Texas Instruments CSD86330Q3D_11 Datasheet HTML 8Page - Texas Instruments CSD86330Q3D_11 Datasheet HTML 9Page - Texas Instruments CSD86330Q3D_11 Datasheet HTML 10Page - Texas Instruments CSD86330Q3D_11 Datasheet HTML 11Page - Texas Instruments CSD86330Q3D_11 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
TC - Case Temperature - °C
-75
-25
25
75
125
175
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
G022
ID = 14A
VGS = 8V
TC - Case Temperature - °C
-75
-25
25
75
125
175
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
G023
ID = 14A
VGS = 8V
VSD - Source-to-Drain Voltage - V
0
0.2
0.4
0.6
0.8
1
1.2
0.0001
0.001
0.01
0.1
1
10
100
TC = 25°C
TC = 125°C
G024
VSD - Source-to-Drain Voltage - V
0
0.2
0.4
0.6
0.8
1
1.2
0.0001
0.001
0.01
0.1
1
10
100
TC = 25°C
TC = 125°C
G025
t(AV) - Time in Avalanche - ms
0.01
0.1
1
10
1
10
100
TC = 25°C
TC = 125°C
G026
I(AV) = t(AV) ÷ (0.021 × L)
t(AV) - Time in Avalanche - ms
0.01
0.1
1
10
1
10
100
TC = 25°C
TC = 125°C
G027
I(AV) = t(AV) ÷ (0.021 × L)
CSD86330Q3D
SLPS264C
– OCTOBER 2010 – REVISED OCTOBER 2011
www.ti.com
TYPICAL POWER BLOCK MOSFET CHARACTERISTICS (continued)
TA = 25°C, unless stated otherwise.
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 22. Control MOSFET Normalized RDS(on)
Figure 23. Sync MOSFET Normalized RDS(on)
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 24. Control MOSFET Body Diode
Figure 25. Sync MOSFET Body Diode
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 26. Control MOSFET Unclamped Inductive
Figure 27. Sync MOSFET Unclamped Inductive Switching
Switching
8
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated


Numéro de pièce similaire - CSD86330Q3D_11

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD86330Q3D TI-CSD86330Q3D Datasheet
1Mb / 16P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
More results

Description similaire - CSD86330Q3D_11

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD87352Q5D TI1-CSD87352Q5D Datasheet
746Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Block
JUNE2011
CSD87330Q3D TI-CSD87330Q3D Datasheet
776Kb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87352Q5D_1111 TI-CSD87352Q5D_1111 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87355Q5D TI1-CSD87355Q5D Datasheet
559Kb / 23P
[Old version datasheet]   Synchronous Buck NexFET Power Block
CSD87351Q5D TI-CSD87351Q5D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87351ZQ5D TI-CSD87351ZQ5D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87331Q3D TI-CSD87331Q3D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87335Q3D TI1-CSD87335Q3D Datasheet
625Kb / 23P
[Old version datasheet]   Synchronous Buck NexFET Power Block
CSD86350Q5D TI-CSD86350Q5D Datasheet
923Kb / 15P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD86350Q5D TI-CSD86350Q5D_11 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com