Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS10P6-M3-86A Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SS10P6-M3-86A
Description  High Current Density Surface Mount Schottky Barrier Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS10P6-M3-86A Fiches technique(HTML) 1 Page - Vishay Siliconix

  SS10P6-M3-86A Datasheet HTML 1Page - Vishay Siliconix SS10P6-M3-86A Datasheet HTML 2Page - Vishay Siliconix SS10P6-M3-86A Datasheet HTML 3Page - Vishay Siliconix SS10P6-M3-86A Datasheet HTML 4Page - Vishay Siliconix SS10P6-M3-86A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 89043
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 19-Apr-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Current Density Surface Mount
Schottky Barrier Rectifier
SS10P5, SS10P6
Vishay General Semiconductor
New Product
TYPICAL APPLICATIONS
For use in low voltage high frequency inverters,
freewheeling diodes, DC/DC converters and polarity
protection application.
FEATURES
• Very low profile - typical height of 1.1 mm
• Ideal for automated placement
• Guardring for overvoltage protection
• Low forward voltage drop, low power losses
• High efficiency
• Low thermal resistance
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• AEC-Q101 qualified
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21 definition
MECHANICAL DATA
Case: TO-277A (SMPC)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS compliant, and
commercial grade
Base P/NHM3 - halogen-free, RoHS compliant, and
automotive grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test, HM3 suffix
meets JESD 201 class 2 whisker test
Notes
(1) Units mounted on infinite heatsink
(2) Units mounted on 5 cm x 5 cm, 2 oz. copper pad
PRIMARY CHARACTERISTICS
IF(AV)
10 A
VRRM
50 V, 60 V
IFSM
280 A
EAS
20 mJ
VF at IF = 10 A
0.55 V
TJ max.
150 °C
TO-277A (SMPC)
Anode 1
Anode 2
Cathode
K
K
2
1
eSMP® Series
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS10P5
SS10P6
UNIT
Device marking code
S105
S106
Maximum repetitive peak reverse voltage
VRRM
50
60
V
Maximum average forward rectified current (fig. 1)
IF(AV)
10 (1)
A
7 (2)
Peak forward surge current 10 ms single half sine-wave
superimposed on rated load
IFSM
280
A
Non-repetitive avalanche energy at IAS = 2 A , TJ = 25 °C
EAS
20
mJ
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


Numéro de pièce similaire - SS10P6-M3-86A

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SS10P6-M3/86A VISHAY-SS10P6-M3/86A Datasheet
110Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 30-Jul-08
SS10P6-M3/87A VISHAY-SS10P6-M3/87A Datasheet
110Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 30-Jul-08
More results

Description similaire - SS10P6-M3-86A

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SS12P4C VISHAY-SS12P4C Datasheet
98Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifier
Revision: 13-May-11
SS12P4C VISHAY-SS12P4C_V01 Datasheet
105Kb / 5P
   High Current Density Surface-Mount Schottky Barrier Rectifier
01-Jan-2022
SS1P5L VISHAY-SS1P5L Datasheet
105Kb / 4P
   High-Current Density Surface Mount Schottky Barrier Rectifier
Revision: 26-May-08
SS12P4C VISHAY-SS12P4C_15 Datasheet
92Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifier
Revision: 11-Dec-14
SS2P2 VISHAY-SS2P2_15 Datasheet
82Kb / 4P
   High Current Density Surface Mount Schottky Barrier Rectifier
Revision: 02-Aug-13
SS10P5 VISHAY-SS10P5_V01 Datasheet
100Kb / 5P
   High Current Density Surface-Mount Schottky Barrier Rectifier
01-Jan-2022
SS2P2 VISHAY-SS2P2_V01 Datasheet
102Kb / 5P
   High Current Density Surface-Mount Schottky Barrier Rectifier
01-Jan-2022
SS8P2CL VISHAY-SS8P2CL_11 Datasheet
98Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifier
Revision: 10-May-11
SS8P2CL VISHAY-SS8P2CL_15 Datasheet
89Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifier
Revision: 10-Dec-14
SS1P5L VISHAY-SS1P5L_V01 Datasheet
106Kb / 5P
   High Current Density Surface-Mount Schottky Barrier Rectifier
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com