Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS10P5 Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SS10P5
Description  High Current Density Surface Mount Schottky Barrier Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS10P5 Fiches technique(HTML) 2 Page - Vishay Siliconix

  SS10P5 Datasheet HTML 1Page - Vishay Siliconix SS10P5 Datasheet HTML 2Page - Vishay Siliconix SS10P5 Datasheet HTML 3Page - Vishay Siliconix SS10P5 Datasheet HTML 4Page - Vishay Siliconix SS10P5 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 89043
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 19-Apr-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SS10P5, SS10P6
Vishay General Semiconductor
New Product
Notes
(3) Pulse test: 300 μs pulse width, 1 % duty cycle
(4) Pulse test: Pulse width  40 ms
Note
(1) Units mounted on recommended PCB 1 oz. pad layout
Note
(1) Automotive grade
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage
IF = 5 A
TA = 25 °C
VF (1)
0.51
-
V
IF = 7 A
0.55
0.67
IF = 10 A
0.59
IF = 5 A
TA = 125 °C
0.42
-
IF = 7 A
0.47
-
IF = 10A
0.55
0.63
Reverse current
Rated VR
TA = 25 °C
IR (2)
7.8
150
μA
TA = 125 °C
5.9
15
mA
Typical junction capacitance
4.0 V, 1 MHz
CJ
560
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
SS10P5
SS10P6
UNIT
Typical thermal resistance per diode
RJA (1)
60
°C/W
RJL
3
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SS10P6-M3/86A
0.10
86A
1500
7" diameter plastic tape and reel
SS10P6-M3/87A
0.10
87A
6500
13" diameter plastic tape and reel
SS10P6HM3/86A (1)
0.10
86A
1500
7" diameter plastic tape and reel
SS10P6HM3/87A (1)
0.10
87A
6500
13" diameter plastic tape and reel


Numéro de pièce similaire - SS10P5

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SS10P5 VISHAY-SS10P5 Datasheet
110Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifiers
Revision: 30-Jul-08
SS10P5 VISHAY-SS10P5 Datasheet
100Kb / 5P
   High Current Density Surface-Mount Schottky Barrier Rectifier
01-Jan-2022
SS10P5 VISHAY-SS10P5_V01 Datasheet
100Kb / 5P
   High Current Density Surface-Mount Schottky Barrier Rectifier
01-Jan-2022
More results

Description similaire - SS10P5

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SS12P4C VISHAY-SS12P4C Datasheet
98Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifier
Revision: 13-May-11
SS12P4C VISHAY-SS12P4C_V01 Datasheet
105Kb / 5P
   High Current Density Surface-Mount Schottky Barrier Rectifier
01-Jan-2022
SS1P5L VISHAY-SS1P5L Datasheet
105Kb / 4P
   High-Current Density Surface Mount Schottky Barrier Rectifier
Revision: 26-May-08
SS12P4C VISHAY-SS12P4C_15 Datasheet
92Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifier
Revision: 11-Dec-14
SS2P2 VISHAY-SS2P2_15 Datasheet
82Kb / 4P
   High Current Density Surface Mount Schottky Barrier Rectifier
Revision: 02-Aug-13
SS10P5 VISHAY-SS10P5_V01 Datasheet
100Kb / 5P
   High Current Density Surface-Mount Schottky Barrier Rectifier
01-Jan-2022
SS2P2 VISHAY-SS2P2_V01 Datasheet
102Kb / 5P
   High Current Density Surface-Mount Schottky Barrier Rectifier
01-Jan-2022
SS8P2CL VISHAY-SS8P2CL_11 Datasheet
98Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifier
Revision: 10-May-11
SS8P2CL VISHAY-SS8P2CL_15 Datasheet
89Kb / 5P
   High Current Density Surface Mount Schottky Barrier Rectifier
Revision: 10-Dec-14
SS1P5L VISHAY-SS1P5L_V01 Datasheet
106Kb / 5P
   High Current Density Surface-Mount Schottky Barrier Rectifier
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com