Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BBY56-02W Fiches technique(PDF) 2 Page - Siemens Semiconductor Group

No de pièce BBY56-02W
Description  Silicon Tuning Diode (Excellent linearity High Q hyperabrupt tuning diode Low series inductance)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BBY56-02W Fiches technique(HTML) 2 Page - Siemens Semiconductor Group

  BBY56-02W Datasheet HTML 1Page - Siemens Semiconductor Group BBY56-02W Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BBY 56-02W
Semiconductor Group
Au -14-1998
2
Electrical Characteristics at
TA = 25 °C, unless otherwise specified.
Parameter
Values
Symbol
Unit
max.
min.
typ.
DC characteristics
IR
-
Reverse current
VR = 8 V
1
-
nA
IR
µA
-
Reverse current
VR = 8 V, TA = 65 °C
100
-
AC characteristics
Diode capacitance
VR = 0.32 V, f = 1 MHz
VR = 1 V, f = 1 MHz
VR = 2 V, f = 1 MHz
VR = 2.38 V, f = 1 MHz
VR = 3 , f = 1 MHz
CT
59
39
22
19.4
15.9
-
-
-
-
-
67
43
27.2
23.7
19
pF
Capacitance ratio
VR = 1 V, VR = 3 V, f = 1 MHz
CT1/CT3
-
2.45
-
-
Series resistance
VR = 1 V, f = 330 MHz
rs
-
0.3
-
Case capacitance
f = 1 MHz
CC
-
0.09
-
pF
Series inductance chip to ground
Ls
-
0.6
-
nH
Semiconductor Group
2
1998-11-01


Numéro de pièce similaire - BBY56-02W

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BBY56-02W INFINEON-BBY56-02W Datasheet
421Kb / 3P
   Silicon Tuning Diode
Jan-13-2004
BBY56-02W INFINEON-BBY56-02W Datasheet
73Kb / 7P
   Silicon Tuning Diode
2007-04-20
logo
SHIKUES Electronics
BBY56-02W SKTECHNOLGY-BBY56-02W Datasheet
233Kb / 1P
   Switching and Amplifier Applications
More results

Description similaire - BBY56-02W

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BBY57-03W SIEMENS-BBY57-03W Datasheet
14Kb / 3P
   Silicon Tuning Diode (Excellent linearity High Q hyperabrupt tuning diode Low series inductance)
BBY58-02W SIEMENS-BBY58-02W Datasheet
14Kb / 3P
   Silicon Tuning Diode (Excellent linearity High Q hyperabrupt tuning diode Low series inductance)
BBY56-03W SIEMENS-BBY56-03W Datasheet
13Kb / 2P
   Silicon Tuning Diode (Excellent linearity High Q hyperabrupt tuning diode Low series inductance)
BBY58-03W SIEMENS-BBY58-03W Datasheet
14Kb / 3P
   Silicon Tuning Diode (Excellent linearity High Q hyperabrupt tuning diode Low series inductance)
BBY55-02W SIEMENS-BBY55-02W Datasheet
12Kb / 3P
   Silicon Tuning Diode (Excellent linearity High Q hyperabrupt tuning diode Low series inductance)
BBY55-03W SIEMENS-BBY55-03W Datasheet
12Kb / 3P
   Silicon Tuning Diode (Excellent linearity High Q hyperabrupt tuning diode Low series inductance)
BBY57-02W SIEMENS-BBY57-02W Datasheet
14Kb / 3P
   Silicon Tuning Diode (Excellent linearity High Q hyperabrupt tuning diode Low series inductance High capacitance ratio)
BBY51-02W SIEMENS-BBY51-02W Datasheet
14Kb / 3P
   Silicon Tuning Diode (High Q hyperabrupt tuning diode Low series inductance)
BBY52-02W SIEMENS-BBY52-02W Datasheet
13Kb / 3P
   Silicon Tuning Diode (High Q hyperband tuning diode Low series inductance)
BBY51-03W SIEMENS-BBY51-03W Datasheet
26Kb / 3P
   Silicon Tuning Diode (High Q hyperabrupt tuning diode Designed for low tuning voltage operation)
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com