Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BBY55-03W Fiches technique(PDF) 3 Page - Siemens Semiconductor Group

No de pièce BBY55-03W
Description  Silicon Tuning Diode (Excellent linearity High Q hyperabrupt tuning diode Low series inductance)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BBY55-03W Fiches technique(HTML) 3 Page - Siemens Semiconductor Group

  BBY55-03W Datasheet HTML 1Page - Siemens Semiconductor Group BBY55-03W Datasheet HTML 2Page - Siemens Semiconductor Group BBY55-03W Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BBY 55-03W
Semiconductor Group
Apr-30-1998
3
Diode capacitance
CT = f (VR)
f = 1MHz
0
2
4
6
8
10
12
V
15
VR
0
2
4
6
8
10
12
14
16
18
20
22
24
pF
30
CT
Semiconductor Group
3
1998-11-01


Numéro de pièce similaire - BBY55-03W

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BBY55-03W INFINEON-BBY55-03W Datasheet
411Kb / 3P
   Silicon Tuning Diodes
Nov-14-2002
BBY55-03W INFINEON-BBY55-03W Datasheet
88Kb / 8P
   Silicon Tuning Diodes
2007-05-25
More results

Description similaire - BBY55-03W

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BBY57-03W SIEMENS-BBY57-03W Datasheet
14Kb / 3P
   Silicon Tuning Diode (Excellent linearity High Q hyperabrupt tuning diode Low series inductance)
BBY58-02W SIEMENS-BBY58-02W Datasheet
14Kb / 3P
   Silicon Tuning Diode (Excellent linearity High Q hyperabrupt tuning diode Low series inductance)
BBY56-03W SIEMENS-BBY56-03W Datasheet
13Kb / 2P
   Silicon Tuning Diode (Excellent linearity High Q hyperabrupt tuning diode Low series inductance)
BBY58-03W SIEMENS-BBY58-03W Datasheet
14Kb / 3P
   Silicon Tuning Diode (Excellent linearity High Q hyperabrupt tuning diode Low series inductance)
BBY55-02W SIEMENS-BBY55-02W Datasheet
12Kb / 3P
   Silicon Tuning Diode (Excellent linearity High Q hyperabrupt tuning diode Low series inductance)
BBY56-02W SIEMENS-BBY56-02W Datasheet
13Kb / 2P
   Silicon Tuning Diode (Excellent linearity High Q hyperabrupt tuning diode Low series inductance)
BBY57-02W SIEMENS-BBY57-02W Datasheet
14Kb / 3P
   Silicon Tuning Diode (Excellent linearity High Q hyperabrupt tuning diode Low series inductance High capacitance ratio)
BBY51-02W SIEMENS-BBY51-02W Datasheet
14Kb / 3P
   Silicon Tuning Diode (High Q hyperabrupt tuning diode Low series inductance)
BBY52-02W SIEMENS-BBY52-02W Datasheet
13Kb / 3P
   Silicon Tuning Diode (High Q hyperband tuning diode Low series inductance)
BBY51-03W SIEMENS-BBY51-03W Datasheet
26Kb / 3P
   Silicon Tuning Diode (High Q hyperabrupt tuning diode Designed for low tuning voltage operation)
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com