Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL32610E Fiches technique(PDF) 8 Page - Intersil Corporation

No de pièce ISL32610E
Description  16.5kV ESD Protected, 1.8V, Micro Power, 125째C, 1/8 Unit Load, RS-485/RS-422 Differential Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32610E Fiches technique(HTML) 8 Page - Intersil Corporation

Back Button ISL32610E Datasheet HTML 4Page - Intersil Corporation ISL32610E Datasheet HTML 5Page - Intersil Corporation ISL32610E Datasheet HTML 6Page - Intersil Corporation ISL32610E Datasheet HTML 7Page - Intersil Corporation ISL32610E Datasheet HTML 8Page - Intersil Corporation ISL32610E Datasheet HTML 9Page - Intersil Corporation ISL32610E Datasheet HTML 10Page - Intersil Corporation ISL32610E Datasheet HTML 11Page - Intersil Corporation ISL32610E Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ISL32610E, ISL32611E, ISL32612E
8
FN7869.0
October 21, 2011
Typical Performance Curves T
A = +25°C; Unless Otherwise Specified
FIGURE 5. RECEIVER OUTPUT CURRENT vs RECEIVER OUTPUT
VOLTAGE (VCC = 1.8V)
FIGURE 6. RECEIVER OUTPUT CURRENT vs RECEIVER OUTPUT
VOLTAGE (VCC = 3.3V)
FIGURE 7. STATIC SUPPLY CURRENT vs TEMPERATURE
FIGURE 8. DYNAMIC SUPPLY CURRENT vs SUPPLY VOLTAGE AT
DIFFERENT DATA RATES
FIGURE 9. ISL32613E AND ISL32611E PERFORMANCE WITH
VCC = 1.8V, 128kbps, 2000’ (610m) CAT 5 CABLE
FIGURE 10. ISL32613E AND ISL32611E PERFORMANCE WITH
VCC = 3.3V, 256kbps, 3000’ (915m) CAT 5 CABLE
RECEIVER OUTPUT VOLTAGE (V)
-6
-4
-2
0
2
4
6
8
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
+125°C
+25°C
+25°C
+85°C
+125°C
VCC = 1.8V
RO LOW
RO HIGH
RECEIVER OUTPUT VOLTAGE (V)
-30
-20
-10
0
10
20
30
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
3.3
+125°C
+25°C
+25°C
+85°C
+125°C
+85°C
VCC = 3.3V
RO LOW
RO HIGH
TEMPERATURE (°C)
-40
-15
10
35
60
85
110 125
50
60
70
80
90
100
110
120
VCC = 1.8V
VCC = 3.3V
RE = 0V, RE = VCC
VCC (V)
70
75
80
85
90
95
100
105
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
128kbps
9.6kbps
500kbps
256kbps
TIME (10µs/DIV)
-1
0
1
2
2
0
2
-2
1
0
RD = ∞
A-B
DI
TIME (10µs/DIV)
-2
0
1
2
5
0
4
-3
2
0
RD = ∞
A-B
DI
-1
3


Numéro de pièce similaire - ISL32610E

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL32610E INTERSIL-ISL32610E Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
logo
Renesas Technology Corp
ISL32610E RENESAS-ISL32610E Datasheet
791Kb / 12P
   짹16.5kV ESD Protected, 1.8V, Micro Power, 125째C, 1/8 Unit Load, RS-485/RS- 422 Differential Receivers
ISL32610EFHZ-T RENESAS-ISL32610EFHZ-T Datasheet
791Kb / 12P
   짹16.5kV ESD Protected, 1.8V, Micro Power, 125째C, 1/8 Unit Load, RS-485/RS- 422 Differential Receivers
ISL32610EFHZ-T7A RENESAS-ISL32610EFHZ-T7A Datasheet
791Kb / 12P
   짹16.5kV ESD Protected, 1.8V, Micro Power, 125째C, 1/8 Unit Load, RS-485/RS- 422 Differential Receivers
More results

Description similaire - ISL32610E

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL32610E RENESAS-ISL32610E Datasheet
791Kb / 12P
   짹16.5kV ESD Protected, 1.8V, Micro Power, 125째C, 1/8 Unit Load, RS-485/RS- 422 Differential Receivers
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
logo
Intersil Corporation
RS-485 INTERSIL-RS-485 Datasheet
946Kb / 22P
   ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
July 30, 2009
logo
Renesas Technology Corp
ISL3150E RENESAS-ISL3150E Datasheet
1Mb / 34P
   Large 3V Output Swing, 16.5kV ESD, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL32613E INTERSIL-ISL32613E Datasheet
546Kb / 11P
   짹16.5kV ESD Protected, 125째C, 1.8V to 3.6V, Low Power, SOT-23, RS-485/RS-422 Transmitters
logo
Renesas Technology Corp
ISL3158AE RENESAS-ISL3158AE Datasheet
733Kb / 16P
   ±16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
October 15, 2013
logo
Intersil Corporation
ISL83080E INTERSIL-ISL83080E Datasheet
830Kb / 18P
   -15kV ESD Protected, 5V, Full Fail-Safe, Fractional (1/8) Unit Load, RS-485/RS-422 Transceivers
logo
National Semiconductor ...
DS96173 NSC-DS96173 Datasheet
173Kb / 6P
   RS-485/RS-422 Quad Differential Line Receivers
logo
Texas Instruments
DS96173 TI1-DS96173_15 Datasheet
747Kb / 11P
[Old version datasheet]   RS-485/RS-422 Quad Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com