Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD8E003 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPD8E003
Description  8-CHANNEL ESD ARRAY FOR PORTABLE SPACE-SAVING APPLICATIONS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPD8E003 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPD8E003 Datasheet HTML 5Page - Texas Instruments TPD8E003 Datasheet HTML 6Page - Texas Instruments TPD8E003 Datasheet HTML 7Page - Texas Instruments TPD8E003 Datasheet HTML 8Page - Texas Instruments TPD8E003 Datasheet HTML 9Page - Texas Instruments TPD8E003 Datasheet HTML 10Page - Texas Instruments TPD8E003 Datasheet HTML 11Page - Texas Instruments TPD8E003 Datasheet HTML 12Page - Texas Instruments TPD8E003 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
7-Aug-2010
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan
(2)
Lead/
Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
TPD8E003DQDR
ACTIVE
WSON
DQD
8
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Numéro de pièce similaire - TPD8E003

FabricantNo de pièceFiches techniqueDescription
logo
Wuxi Unigroup Microelec...
TPD80R1K2C WUMC-TPD80R1K2C Datasheet
1Mb / 12P
   800V Super-Junction Power MOSFET
logo
Texas Instruments
TPD8F003 TI-TPD8F003 Datasheet
222Kb / 6P
[Old version datasheet]   FOUR-, SIX-, AND EIGHT-CHANNEL EMI FILTERS WITH INTEGRATED ESD PROTECTION
TPD8F003 TI-TPD8F003 Datasheet
1Mb / 18P
[Old version datasheet]   FOUR-, SIX-, AND EIGHT-CHANNEL EMI FILTERS WITH INTEGRATED ESD PROTECTION
TPD8F003DQDR TI-TPD8F003DQDR Datasheet
222Kb / 6P
[Old version datasheet]   FOUR-, SIX-, AND EIGHT-CHANNEL EMI FILTERS WITH INTEGRATED ESD PROTECTION
TPD8F003DQDR TI-TPD8F003DQDR Datasheet
1Mb / 18P
[Old version datasheet]   FOUR-, SIX-, AND EIGHT-CHANNEL EMI FILTERS WITH INTEGRATED ESD PROTECTION
More results

Description similaire - TPD8E003

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD5E003 TI-TPD5E003 Datasheet
733Kb / 10P
[Old version datasheet]   Five Channel Space Saving ESD Protection Device
logo
Maxim Integrated Produc...
MAX4896 MAXIM-MAX4896 Datasheet
263Kb / 14P
   Space-Saving, 8-Channel Relay/Load Driver
Rev 1; 6/07
MAX4896_V3 MAXIM-MAX4896_V3 Datasheet
195Kb / 13P
   Space-Saving, 8-Channel Relay/Load Driver
Rev 3; 7/12
logo
Micro Commercial Compon...
ESDLC2V8P8U MCC-ESDLC2V8P8U Datasheet
617Kb / 3P
   For space saving application
ESD3V3D5 MCC-ESD3V3D5_13 Datasheet
312Kb / 3P
   3.3V~12Volts ESD Protection Devices For space saving application
logo
Murata Manufacturing Co...
PTGL07AS121M0N51A0 MURATA-PTGL07AS121M0N51A0 Datasheet
202Kb / 3P
   space-saving
logo
Texas Instruments
TWL6041 TI1-TWL6041_14 Datasheet
684Kb / 12P
[Old version datasheet]   8-Channel Low-Power Audio Codec for Portable Applications
logo
STEGO Elektrotechnik Gm...
HV031 STEGO-HV031 Datasheet
1Mb / 1P
   SPACE-SAVING FAN HEATER
08.09.2021
logo
KEC(Korea Electronics)
PG05GBUSV KEC-PG05GBUSV Datasheet
37Kb / 2P
   TVS Diode Array for ESD Protection in Portable Electronics
PG05GXTE6 KEC-PG05GXTE6 Datasheet
57Kb / 2P
   TVS Diode Array for ESD Protection in Portable Electronics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com