Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BB641 Datasheet(Fiches technique) 1 Page - Siemens Semiconductor Group

Numéro de pièce BB641
Description  Silicon Variable Capacitance Diode (For VHF Hyperband TV/TR tuners High capacitance ratio Low series resistance)
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo 

BB641 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type
Ordering Code
Pin Configuration
Marking
Package
(tape and reel)
1
2
BB 641
Q62702-B792
C
A
red G
SOD-323
Maximum Ratings
Parameter
Symbol
Values
Unit
Reverse voltage
V
R
30
V
Reverse voltage (
R
≥ 5kΩ)
V
RM
35
V
Forward current
I
F
20
mA
Operating temperature range
T
op
– 55 … + 150
°C
Storage temperature range
T
stg
– 55 … + 150
°C
Thermal Resistance
Junction-ambient
R
th JA
≤ 450
K/W
Silicon Variable Capacitance Diode
BB 641
1
2
q
For VHF Hyperband TV/TR tuners
q
High capacitance ratio
q
Low series resistance
Semiconductor Group
1
05 95


Html Pages

1  2  3 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
BB664Silicon Variable Capacitance Diode For VHF TV-tuners High capacitance ratio Low series inductance Low series resistance 1 2 3 Siemens Semiconductor Group
BB515Silicon Variable Capacitance Diode For UHF and VHF TV/VTR tuners Large capacitance ratio Low series resistance 1 2 Siemens Semiconductor Group
BB545Silicon Tuning Diode For tuning UHF and VHF TV Tuners Large capacitance ratio low series resistance 1 2 3 Siemens Semiconductor Group
BB565Silicon Variable Capacitance Diode For UHF-TV-tuners High capacitance ratio Low series inductance Low series resistance 1 2 3 4 Siemens Semiconductor Group
BB644Silicon Variable Capacitance Diode For VHF TV-tuners High capacitance ratio Low series inductance 1 2 3 Siemens Semiconductor Group
BB659CSilicon Variable Capacitance Diode For VHF-TV-tuners High capacitance ratio Low series inductance Low series resistance 1 2 3 Siemens Semiconductor Group
BB669Silicon Tuning Diode For VHF 2-Band-hyperband-TV-tuners Very high capacitance ratio Low series resistance 1 2 3 Siemens Semiconductor Group
BB689Silicon Tuning Diode For VHF 2-Band-hyperband-TV-tuners Very high capacitance ratio Low series inductance Low series resistance 1 2 3 Siemens Semiconductor Group
BB535Silicon Variable Capacitance Diode For UHF and TV/TR tuners Large capacitance ratio low series resistance 1 2 3 4 Siemens Semiconductor Group
BB814Silicon Variable Capacitance Diode For FM radio tuners with extended frequency band High tuning ratio at low supply voltage car radio 1 2 3 Siemens Semiconductor Group

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn