Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BB555 Fiches technique(PDF) 1 Page - Siemens Semiconductor Group

No de pièce BB555
Description  Silicon Tuning Diode (For UHF-TV-tuners High capacitance ratio Low series inductance)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BB555 Fiches technique(HTML) 1 Page - Siemens Semiconductor Group

  BB555 Datasheet HTML 1Page - Siemens Semiconductor Group BB555 Datasheet HTML 2Page - Siemens Semiconductor Group BB555 Datasheet HTML 3Page - Siemens Semiconductor Group BB555 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BB 555
Semiconductor Group
Jul-28-1998
1
Silicon Tuning Diode
• For UHF-TV-tuners
• High capacitance ratio
• Low series inductance
• Low series resistance
• Extremely small plastic SMD package
• Excellent uniformity and matching due to
"in-line" matching assembly procedure
1
VES05991
2
Type
Marking Ordering Code
Pin Configuration Package
BB 555
BB 555
B
B
Q62702-B0864
unmatched
Q62702-B0853
inline matched
1 = C
2 = A
SCD-80
Maximum Ratings
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
30
V
Peak reverse voltage (
R
≥ 5kΩ)
VRM
35
Forward current
IF
20
mA
Operating temperature range
Top
55 ...+150
°C
Storage temperature
Tstg
55 ...+150
Semiconductor Group
1
1998-11-01


Numéro de pièce similaire - BB555

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BB555 INFINEON-BB555 Datasheet
411Kb / 4P
   Silicon Tuning Diode
Nov-07-2002
BB555 INFINEON-BB555 Datasheet
92Kb / 9P
   Silicon Tuning Diode
2007-04-20
BB555 INFINEON-BB555 Datasheet
910Kb / 10P
   Silicon Tuning Diode
2011-06-15
BB555 INFINEON-BB555 Datasheet
911Kb / 9P
   For UHF-TV-tuners
2011-06-15
BB555-02V INFINEON-BB555-02V Datasheet
411Kb / 4P
   Silicon Tuning Diode
Nov-07-2002
More results

Description similaire - BB555

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BB659 SIEMENS-BB659 Datasheet
16Kb / 3P
   Silicon Tuning Diode (For VHF-TV-tuners High capacitance ratio Low series inductance Low series resistance)
BB565 SIEMENS-BB565 Datasheet
18Kb / 4P
   Silicon Variable Capacitance Diode (For UHF-TV-tuners High capacitance ratio Low series inductance Low series resistance)
BB545 SIEMENS-BB545 Datasheet
21Kb / 3P
   Silicon Tuning Diode (For tuning UHF and VHF TV Tuners Large capacitance ratio, low series resistance)
BB644 SIEMENS-BB644 Datasheet
25Kb / 3P
   Silicon Variable Capacitance Diode (For VHF TV-tuners High capacitance ratio Low series inductance)
BB664 SIEMENS-BB664 Datasheet
13Kb / 3P
   Silicon Variable Capacitance Diode (For VHF TV-tuners High capacitance ratio Low series inductance Low series resistance)
BB659C SIEMENS-BB659C Datasheet
16Kb / 3P
   Silicon Variable Capacitance Diode (For VHF-TV-tuners High capacitance ratio Low series inductance Low series resistance)
BB689 SIEMENS-BB689 Datasheet
13Kb / 3P
   Silicon Tuning Diode (For VHF 2-Band-hyperband-TV-tuners Very high capacitance ratio Low series inductance Low series resistance)
BB535 SIEMENS-BB535 Datasheet
23Kb / 4P
   Silicon Variable Capacitance Diode (For UHF and TV/TR tuners Large capacitance ratio, low series resistance)
BB669 SIEMENS-BB669 Datasheet
13Kb / 3P
   Silicon Tuning Diode (For VHF 2-Band-hyperband-TV-tuners Very high capacitance ratio Low series resistance)
BB515 SIEMENS-BB515 Datasheet
24Kb / 2P
   Silicon Variable Capacitance Diode (For UHF and VHF TV/VTR tuners Large capacitance ratio Low series resistance)
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com