Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI7414DN-T1-E3 Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SI7414DN-T1-E3
Description  N-Channel 60-V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7414DN-T1-E3 Fiches technique(HTML) 1 Page - Vishay Siliconix

  SI7414DN-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI7414DN-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI7414DN-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI7414DN-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI7414DN-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI7414DN-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI7414DN-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI7414DN-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI7414DN-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Vishay Siliconix
Si7414DN
Document Number: 71738
S-83043-Rev. D, 22-Dec-08
www.vishay.com
1
Work-in-Progress
N-Channel 60-V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Available
•TrenchFET® Power MOSFET
PWM Optimized
APPLICATIONS
Primary Side Switch
Synchronous Rectifier
Motor Drives
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
60
0.025 at VGS = 10 V
8.7
0.036 at VGS = 4.5 V
7.3
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
3.30 mm
3.30 mm
PowerPAK 1212-8
Bottom View
Ordering Information: Si7414DN-T1-E3 (Lead (Pb)-free)
Si7414DN-T1-GE3 (Lead (Pb)-free and Halogen-free)
N-Channel MOSFET
G
D
S
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
b. See Solder Profile (
www.vishay.com/ppg?73257). The PowerPAK 1212-8 is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and
is not required to ensure adequate bottom side solder interconnection.
c. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
10 s
Steady State
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
8.7
5.6
A
TA = 70 °C
7.0
4.4
Pulsed Drain Current
IDM
30
Continuous Source Current (Diode Conduction)a
IS
3.2
1.3
Single Avalanche Current
L = 0.1 mH
IAS
19
Single Avalanche Energy (Duty Cycle 1 %)
EAS
18
mJ
Maximum Power Dissipationa
TA = 25 °C
PD
3.8
1.5
W
TA = 70 °C
2.0
0.8
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendationsb,c
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
≤ 10 s
RthJA
26
33
°C/W
Steady State
65
81
Maximum Junction-to-Case
Steady State
RthJC
1.9
2.4


Numéro de pièce similaire - SI7414DN-T1-E3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI7414DN VISHAY-SI7414DN Datasheet
48Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 08-Oct-01
logo
Vishay Telefunken
SI7414DN TFUNK-SI7414DN Datasheet
525Kb / 11P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7414DN VISHAY-SI7414DN Datasheet
533Kb / 11P
   N-Channel 60-V (D-S) MOSFET
Rev. D, 22-Dec-08
SI7414DN VISHAY-SI7414DN Datasheet
531Kb / 11P
   N-Channel 60-V (D-S) MOSFET
01-Jan-2022
SI7414DN VISHAY-SI7414DN_17 Datasheet
533Kb / 11P
   N-Channel 60-V (D-S) MOSFET
Rev. D, 22-Dec-08
More results

Description similaire - SI7414DN-T1-E3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com