Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI7102DN-T1-GE3 Fiches technique(PDF) 7 Page - Vishay Siliconix

No de pièce SI7102DN-T1-GE3
Description  N-Channel 12-V (D-S) MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7102DN-T1-GE3 Fiches technique(HTML) 7 Page - Vishay Siliconix

Back Button SI7102DN-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI7102DN-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI7102DN-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI7102DN-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI7102DN-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI7102DN-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI7102DN-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix SI7102DN-T1-GE3 Datasheet HTML 10Page - Vishay Siliconix SI7102DN-T1-GE3 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Document Number: 74250
S-83044-Rev. B, 22-Dec-08
www.vishay.com
7
Vishay Siliconix
Si7102DN
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?74250.
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
1
10
1000
10-1
10-4
100
1
0.1
0.01
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 65 °C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Case
10-3
10-2
10-1
-4
1
0.1
0.01
Square Wave Pulse Duration (s)
10
1
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5


Numéro de pièce similaire - SI7102DN-T1-GE3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Telefunken
SI7102DN TFUNK-SI7102DN Datasheet
572Kb / 14P
   N-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI7102DN VISHAY-SI7102DN Datasheet
578Kb / 14P
   N-Channel 12-V (D-S) MOSFETs
01-Jan-2022
SI7102DN VISHAY-SI7102DN_V01 Datasheet
578Kb / 14P
   N-Channel 12-V (D-S) MOSFETs
01-Jan-2022
More results

Description similaire - SI7102DN-T1-GE3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI7104DN VISHAY-SI7104DN Datasheet
542Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 17-Mar-08
SI7858BDP VISHAY-SI7858BDP Datasheet
515Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
SIR492DP VISHAY-SIR492DP Datasheet
482Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 22-Sep-08
logo
Vishay Telefunken
SIS452DN TFUNK-SIS452DN Datasheet
568Kb / 13P
   N-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI4838BDY VISHAY-SI4838BDY_V01 Datasheet
919Kb / 9P
   N-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI7104DN VISHAY-SI7104DN_V01 Datasheet
541Kb / 14P
   N-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
Vishay Telefunken
SIB404DK TFUNK-SIB404DK Datasheet
195Kb / 9P
   N-Channel 12 V (D-S) MOSFET
logo
Vishay Siliconix
SIUD412ED VISHAY-SIUD412ED Datasheet
185Kb / 7P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 08-Aug-16
SI7858ADP VISHAY-SI7858ADP Datasheet
318Kb / 12P
   N-Channel 12-V (D-S) MOSFET
Rev. C, 03-Mar-08
SI7858BDP VISHAY-SI7858BDP_17 Datasheet
349Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com