Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI6562CDQ Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce SI6562CDQ
Description  N- and P-Channel 20-V (D-S) MOSFETs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6562CDQ Fiches technique(HTML) 3 Page - Vishay Siliconix

  SI6562CDQ Datasheet HTML 1Page - Vishay Siliconix SI6562CDQ Datasheet HTML 2Page - Vishay Siliconix SI6562CDQ Datasheet HTML 3Page - Vishay Siliconix SI6562CDQ Datasheet HTML 4Page - Vishay Siliconix SI6562CDQ Datasheet HTML 5Page - Vishay Siliconix SI6562CDQ Datasheet HTML 6Page - Vishay Siliconix SI6562CDQ Datasheet HTML 7Page - Vishay Siliconix SI6562CDQ Datasheet HTML 8Page - Vishay Siliconix SI6562CDQ Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Document Number: 68954
S-82575-Rev. A, 27-Oct-08
www.vishay.com
3
Vishay Siliconix
Si6562CDQ
New Product
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Dynamica
Turn-On Delay Time
td(on)
N-Channel
VDD = 10 V, RL = 2.2 Ω
ID ≅ 4.5 A, VGEN = 4.5 V, Rg = 1 Ω
P-Channel
VDD = - 10 V, RL = 2.4 Ω
ID ≅ - 4.1 A, VGEN = - 4.5 V, Rg = 1 Ω
N-Ch
12
20
ns
P-Ch
30
45
Rise Time
tr
N-Ch
10
15
P-Ch
25
40
Turn-Off Delay Time
td(off)
N-Ch
25
40
P-Ch
45
70
Fall Time
tf
N-Ch
10
15
P-Ch
15
25
Turn-On Delay Time
td(on)
N-Channel
VDD = 10 V, RL = 2.2 Ω
ID ≅ 4.5 A, VGEN = 10 V, Rg = 1 Ω
P-Channel
VDD = - 10 V, RL = 2.4 Ω
ID ≅ - 4.1 A, VGEN = - 10 V, Rg = 1 Ω
N-Ch
10
15
ns
P-Ch
10
15
Rise Time
tr
N-Ch
10
15
P-Ch
10
15
Turn-Off Delay Time
td(off)
N-Ch
20
30
P-Ch
45
70
Fall Time
tf
N-Ch
8
15
P-Ch
15
25
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
N-Ch
1.3
A
P-Ch
- 1.4
Pulse Diode Forward Currenta
ISM
N-Ch
30
P-Ch
- 30
Body Diode Voltage
VSD
IS = 4.5 A, VGS = 0 V
N-Ch
0.8
1.2
V
IS = - 4.1 A, VGS = 0 V
P-Ch
- 0.8
- 1.2
Body Diode Reverse Recovery Time
trr
N-Channel
IF = 4.5 A, dI/dt = 100 A/µs, TJ = 25 °C
P-Channel
IF = - 4.1 A, dI/dt = - 100 A/µs, TJ = 25 °C
N-Ch
15
30
ns
P-Ch
35
55
Body Diode Reverse Recovery Charge
Qrr
N-Ch
6
12
nC
P-Ch
21
35
Reverse Recovery Fall Time
ta
N-Ch
7.6
ns
P-Ch
18
Reverse Recovery Rise Time
tb
N-Ch
7.4
P-Ch
17


Numéro de pièce similaire - SI6562CDQ

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Telefunken
SI6562CDQ TFUNK-SI6562CDQ Datasheet
250Kb / 17P
   N- and P-Channel 20-V (D-S) MOSFETs
logo
Vishay Siliconix
SI6562CDQ VISHAY-SI6562CDQ Datasheet
253Kb / 17P
   N- and P-Channel 20-V (D-S) MOSFETs
01-Jan-2022
SI6562CDQ VISHAY-SI6562CDQ_V01 Datasheet
253Kb / 17P
   N- and P-Channel 20-V (D-S) MOSFETs
01-Jan-2022
More results

Description similaire - SI6562CDQ

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Telefunken
SI6562CDQ TFUNK-SI6562CDQ Datasheet
250Kb / 17P
   N- and P-Channel 20-V (D-S) MOSFETs
logo
VBsemi Electronics Co.,...
VBA5213 VBSEMI-VBA5213 Datasheet
611Kb / 14P
   N- and P-Channel 20-V (D-S) MOSFETs
VBA5206 VBSEMI-VBA5206 Datasheet
958Kb / 14P
   N- and P-Channel 20-V (D-S) MOSFETs
logo
Vishay Siliconix
SI6562CDQ VISHAY-SI6562CDQ_V01 Datasheet
253Kb / 17P
   N- and P-Channel 20-V (D-S) MOSFETs
01-Jan-2022
SIA778DJ VISHAY-SIA778DJ Datasheet
158Kb / 12P
   N-Channel 12 V and 20 V (D-S) MOSFETs
Rev. A, 11-Jan-10
TN0200T VISHAY-TN0200T Datasheet
66Kb / 4P
   N-Channel 20-V (D-S) MOSFETs
Rev. F, 23-Feb-04
SIZ720DT VISHAY-SIZ720DT_V01 Datasheet
193Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
01-Jan-2022
SIZ710DT VISHAY-SIZ710DT Datasheet
175Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
Rev. A, 04-Oct-10
SIZ710DT VISHAY-SIZ710DT_12 Datasheet
192Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
Rev. B, 28-Nov-11
logo
Vishay Telefunken
SIZ710DT TFUNK-SIZ710DT Datasheet
192Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com