Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI5908DC-T1-GE3 Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SI5908DC-T1-GE3
Description  Dual N-Channel 20 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5908DC-T1-GE3 Fiches technique(HTML) 1 Page - Vishay Siliconix

  SI5908DC-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI5908DC-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI5908DC-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI5908DC-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI5908DC-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI5908DC-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI5908DC-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI5908DC-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI5908DC-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
Si5908DC
Document Number: 73074
S10-0548-Rev. B, 08-Mar-10
www.vishay.com
1
Dual N-Channel 20 V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFETs
Ultra Low RDS(on) and Excellent Power
Handling in Compact Footprint
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Load Switch
PA Switch
Battery Switch
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
20
0.040 at VGS = 4.5 V
5.9
0.045 at VGS = 2.5 V
5.6
0.052 at VGS = 1.8 V
5.2
Bottom View
1206-8 ChipFET®
S1
G1
S2
G2
D1
D1
D2
D2
1
Marking Code
CC
XXX
Lot Traceability
and Date Code
Part # Code
Ordering Information: Si5908DC-T1-E3 (Lead (Pb)-free)
Si5908DC-T1-GE3 (Lead (Pb)-free and Halogen-free)
D1
G1
S1
N-Channel
N-Channel MOSFET
D2
G2
S2
MOSFET
Notes:
a. Surface mounted on 1" x 1" FR4 board.
b. See Reliability Manual for profile. The ChipFET is a leadless package. The end of the lead terminal is exposed copper (not plated) as a result
of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not required to ensure
adequate bottom side solder interconnection.
c. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
5 s
Steady State
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
5.9
4.4
A
TA = 85 °C
4.2
3.1
Pulsed Drain Current
IDM
20
Continuous Source Current (Diode Conduction)a
IS
1.8
0.9
Maximum Power Dissipationa
TA = 25 °C
PD
2.1
1.1
W
TA = 85 °C
1.1
0.6
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)b, c
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
≤ 5 s
RthJA
50
60
°C/W
Steady State
90
110
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
30
40


Numéro de pièce similaire - SI5908DC-T1-GE3

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
SI5908DC-T1-GE3 VBSEMI-SI5908DC-T1-GE3 Datasheet
1Mb / 8P
   Dual N-Channel 20 V (D-S) MOSFET
More results

Description similaire - SI5908DC-T1-GE3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI1912EDH VISHAY-SI1912EDH Datasheet
42Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. A, 05-Mar-01
SI1902DL VISHAY-SI1902DL Datasheet
43Kb / 4P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. E, 12-Aug-02
SI9926CDY VISHAY-SI9926CDY Datasheet
255Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 27-Apr-09
logo
DinTek Semiconductor Co...
DTM9936 DINTEK-DTM9936 Datasheet
307Kb / 9P
   Dual N-Channel 20-V (D-S) MOSFET
DTS2212 DINTEK-DTS2212 Datasheet
306Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1902CDL VISHAY-SI1902CDL Datasheet
236Kb / 11P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI7904BDN VISHAY-SI7904BDN Datasheet
559Kb / 13P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 29-Dec-08
SI1024X VISHAY-SI1024X_08 Datasheet
113Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. C, 24-Mar-08
logo
Guangdong Kexin Industr...
KI5908DC KEXIN-KI5908DC Datasheet
66Kb / 2P
   Dual N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI7904DN VISHAY-SI7904DN Datasheet
88Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. G, 07-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com