Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI5906DU-T1-GE3 Fiches technique(PDF) 4 Page - Vishay Siliconix

No de pièce SI5906DU-T1-GE3
Description  Dual N-Channel 30-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5906DU-T1-GE3 Fiches technique(HTML) 4 Page - Vishay Siliconix

  SI5906DU-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI5906DU-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI5906DU-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI5906DU-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI5906DU-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI5906DU-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI5906DU-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI5906DU-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI5906DU-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number: 65168
S09-1394-Rev. A, 20-Jul-09
Vishay Siliconix
Si5906DU
New Product
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power (Junction-to-Ambient)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
- 50
- 25
0
25
50
75
100
125
150
ID =4.8 A
VGS =4.5 V
VGS =10 V
TJ -Junction Temperature (°C)
0.00
0.02
0.04
0.06
0.08
02
4
6
8
10
ID =1A; TJ = 25 °C
ID =4.8 A; TJ = 125 °C
ID =1A; TJ = 125 °C
ID =4.8 A; TJ = 25 °C
VGS - Gate-to-Source Voltage (V)
0
5
10
15
20
25
30
Time (s)
0
0
0
1
1
0.1
0.01
0.001
10
100
Source-Drain Diode Forward Voltage
Threshold Voltage
Safe Operating Area, Junction-to-Ambient
0.1
1
10
100
0.0
0.3
0.6
0.9
1.2
TJ = 150 °C
TJ = 25 °C
VSD -Source-to-Drain Voltage (V)
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
100
1
0.1
1
10
100
0.01
10
0.1
TA = 25 °C
Single Pulse
100 ms
Limited byRDS(on)*
BVDSS Limited
1ms
100 µs
10 ms
1s,10s
DC
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified


Numéro de pièce similaire - SI5906DU-T1-GE3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI5906DU VISHAY-SI5906DU Datasheet
165Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
02-Oct-12
SI5906DU VISHAY-SI5906DU_V01 Datasheet
165Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
02-Oct-12
More results

Description similaire - SI5906DU-T1-GE3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com