Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI5504BDC Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SI5504BDC
Description  N- and P-Channel 30 V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5504BDC Fiches technique(HTML) 1 Page - Vishay Siliconix

  SI5504BDC Datasheet HTML 1Page - Vishay Siliconix SI5504BDC Datasheet HTML 2Page - Vishay Siliconix SI5504BDC Datasheet HTML 3Page - Vishay Siliconix SI5504BDC Datasheet HTML 4Page - Vishay Siliconix SI5504BDC Datasheet HTML 5Page - Vishay Siliconix SI5504BDC Datasheet HTML 6Page - Vishay Siliconix SI5504BDC Datasheet HTML 7Page - Vishay Siliconix SI5504BDC Datasheet HTML 8Page - Vishay Siliconix SI5504BDC Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Vishay Siliconix
Si5504BDC
Document Number: 74483
S10-0547-Rev. B, 08-Mar-10
www.vishay.com
1
N- and P-Channel 30 V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
Qg (Typ)
N-Channel
30
0.065 at VGS = 10 V
4a
2 nC
0.100 at VGS = 4.5 V
4a
P-Channel
- 30
0.140 at VGS = - 10 V
- 3.7
2.2 nC
0.235 at VGS = - 4.5 V
- 2.8
Marking Code
EF
XXX
Lot Traceability
and Date Code
Part #
Code
N-Channel MOSFET
G1
D1
S1
S2
G2
D2
P-Channel MOSFET
Bottom View
1206-8 ChipFET
S1
G1
S2
G2
D1
D1
D2
D2
1
Dual
Ordering Information: Si5504BDC-T1-E3 (Lead (Pb)-free)
Si5504BDC-T1-GE3 (Lead (Pb)-free and Halogen-free)
Notes:
a. Package limited.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. See Reliability Manual for profile. The ChipFET is a leadless package. The end of the lead terminal is exposed copper (not plated) as a result
of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not required to ensure
adequade bottom side solder interconnection.
e. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
f. Maximum under steady state conditions is 120 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
N-Channel
P-Channel
Unit
Drain-Source Voltage
VDS
30
- 30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
4a
- 3.7
A
TC = 85 °C
3.8
- 2.7
TA = 25 °C
3.7b, c
- 2.5b, c
TA = 85 °C
2.6b, c
- 1.8b, c
Pulsed Drain Current
IDM
10
- 10
Source Drain Current Diode Current
TC = 25 °C
IS
2.5
- 2.5
TA = 25 °C
1.3b, c
- 1.3b, c
Maximum Power Dissipation
TC = 25 °C
PD
3.12
3.1
W
TC = 85 °C
22
TA = 25 °C
1.5b, c
1.5b, c
TA = 85 °C
0.8b, c
0.8b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
N-Channel
P-Channel
Unit
Typ.
Max.
Typ.
Max.
Maximum Junction-to-Ambientb, f
t
≤ 5 s
RthJA
70
85
70
85
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
33
40
33
40
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFETs
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
DC/DC for Portable Applications
Load Switch


Numéro de pièce similaire - SI5504BDC

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI5504BDC VISHAY-SI5504BDC Datasheet
150Kb / 12P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. A, 02-Jul-07
SI5504BDC VISHAY-SI5504BDC Datasheet
296Kb / 16P
   N- and P-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI5504BDC-T1-E3 VISHAY-SI5504BDC-T1-E3 Datasheet
150Kb / 12P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. A, 02-Jul-07
SI5504BDC VISHAY-SI5504BDC_V01 Datasheet
296Kb / 16P
   N- and P-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Description similaire - SI5504BDC

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4532DY VISHAY-SI4532DY Datasheet
123Kb / 7P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. D, 23-Nov-93
SI3590DV VISHAY-SI3590DV_09 Datasheet
232Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. C, 28-Sep-09
SI6544BDQ VISHAY-SI6544BDQ Datasheet
66Kb / 8P
   N-and P-Channel 30-V (D-S) MOSFET
Rev. A, 16-Jun-03
SI5511DC VISHAY-SI5511DC Datasheet
164Kb / 12P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. B, 22-Oct-07
logo
Guangdong Kexin Industr...
KI4544DY KEXIN-KI4544DY Datasheet
56Kb / 2P
   N- and P-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AO4606A VBSEMI-AO4606A Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
FDS8960C-NL VBSEMI-FDS8960C-NL Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Vishay Telefunken
SI3590DV TFUNK-SI3590DV Datasheet
233Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
SI4532CDY TFUNK-SI4532CDY Datasheet
296Kb / 15P
   N- and P-Channel 30 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
SH8M4TB VBSEMI-SH8M4TB Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com