Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAW78D Fiches technique(PDF) 2 Page - Siemens Semiconductor Group

No de pièce BAW78D
Description  Silicon Switching Diodes (Switching applications High breakdown voltage)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAW78D Fiches technique(HTML) 2 Page - Siemens Semiconductor Group

  BAW78D Datasheet HTML 1Page - Siemens Semiconductor Group BAW78D Datasheet HTML 2Page - Siemens Semiconductor Group BAW78D Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAW 78 A
… BAW 78 D
Semiconductor Group
2
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
Test circuit for reverse recovery time
Pulse generator:
tp = 5 µs, D = 0.05
Oscillograph:
R = 50
tr = 0.6 ns, Rj = 50
tr = 0.35 ns
C
1pF
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
V
Breakdown voltage
I(BR) = 100
µA
BAW 78 A
BAW 78 B
BAW 78 C
BAW 78 D
V(BR)
50
100
200
400
µA
Reverse current
VR = VRmax
VR = VRmax, TA = 150 ˚C
IR
1
50
AC characteristics
µs
Reverse recovery time
IF = 200 mA, IR = 200 mA,
RL = 100
measured at IR = 20 mA
trr
–1–
V
Forward voltage1)
IF = 1 A
IF = 2 A
VF
1.6
2
pF
Diode capacitance
VR = 0, f = 1 MHz
CD
–10
1)
Pulse test: tp
300 µs, D = 2 %.


Numéro de pièce similaire - BAW78D

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BAW78D INFINEON-BAW78D Datasheet
441Kb / 4P
   Silicon Switching Diodes
Feb-03-2003
BAW78D INFINEON-BAW78D Datasheet
36Kb / 3P
   Silicon Switching Diodes
Aug-20-2001
BAW78D INFINEON-BAW78D Datasheet
69Kb / 6P
   Silicon Switching Diodes
2007-04-20
More results

Description similaire - BAW78D

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BAW78M SIEMENS-BAW78M Datasheet
33Kb / 4P
   Silicon Switching Diode (Switching applications High breakdown voltage)
BAW78A-BAW79D SIEMENS-BAW78A-BAW79D Datasheet
86Kb / 3P
   Silicon Switching Diodes (For high-speed switching High breakdown voltage Common cathode)
BCX12 SIEMENS-BCX12 Datasheet
141Kb / 4P
   NPN Silicon AF Switching Transistor (For general AF applications High breakdown voltage)
BCX13 SIEMENS-BCX13 Datasheet
141Kb / 4P
   PNP Silicon AF Switching Transistor (For general AF applications High breakdown voltage)
logo
Central Semiconductor C...
CMFD2004I CENTRAL-CMFD2004I_15 Datasheet
427Kb / 2P
   HIGH VOLTAGE SILICON SWITCHING DIODES
CMPD2005S CENTRAL-CMPD2005S_15 Datasheet
398Kb / 2P
   HIGH VOLTAGE SILICON SWITCHING DIODES
CMXD2004TO CENTRAL-CMXD2004TO_15 Datasheet
496Kb / 2P
   HIGH VOLTAGE SILICON SWITCHING DIODES
CMSD2005S CENTRAL-CMSD2005S_15 Datasheet
472Kb / 2P
   HIGH VOLTAGE SILICON SWITCHING DIODES
CMXD2004 CENTRAL-CMXD2004_15 Datasheet
557Kb / 2P
   HIGH VOLTAGE SILICON SWITCHING DIODES
CMXD2004S CENTRAL-CMXD2004S_15 Datasheet
431Kb / 2P
   HIGH VOLTAGE SILICON SWITCHING DIODES
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com