Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4724CY-T1-E3 Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SI4724CY-T1-E3
Description  N-Channel Synchronous MOSFETs With Break-Before-Make
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4724CY-T1-E3 Fiches technique(HTML) 1 Page - Vishay Siliconix

  SI4724CY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI4724CY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI4724CY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI4724CY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI4724CY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI4724CY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI4724CY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI4724CY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI4724CY-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Vishay Siliconix
Si4724
Document Number: 71863
S11-1185-Rev. F, 13-Jun-11
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
N-Channel Synchronous MOSFETs With Break-Before-Make
FEATURES
0 V to 30 V operation
Driver impedance-3
Undervoltage lockout
Fast switching times
30 V MOSFETs
High side: 0.0375 at VDD = 4.5 V
Low side: 0.029 at VDD = 4.5 V
Switching frequency: 250 kHz to 1 MHz
Integrated schottky
DESCRIPTION
The Si4724CY N-Channel synchronous MOSFET with
break-before-make (BBM) is a high speed driver designed to
operate in high frequency DC/DC switchmode power
supplies. It’s purpose is to simplify the use of N-Channel
MOSFETs in high frequency buck regulators. This device is
designed to be used with any single output PWM IC or ASIC
to produce a highly efficient low cost synchronous rectifier
converter. A synchronous enable pin (disable = low,
enable = high) controls the synchronous function for light
load conditions.
The Si4724CY is packaged in Vishay Siliconix’s high
performance LITTLE FOOT® SO-16 package.
FUNCTIONAL BLOCK DIAGRAM
BOOT
D1
S1
D2
VDD
IN
Undervoltage
Lockout
GND
Q2
Q1
-
+
VDD
SYNC EN
VREF
Level Shift
S2


Numéro de pièce similaire - SI4724CY-T1-E3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4724CY VISHAY-SI4724CY Datasheet
70Kb / 8P
   N-Channel Synchronous MOSFETs with Break-Before-Make
Rev. D, 19-May-03
SI4724CY VISHAY-SI4724CY Datasheet
413Kb / 8P
   N-Channel Synchronous MOSFETs
Rev. B, 14-Mar-05
SI4724CY VISHAY-SI4724CY_05 Datasheet
413Kb / 8P
   N-Channel Synchronous MOSFETs
Rev. B, 14-Mar-05
More results

Description similaire - SI4724CY-T1-E3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4724CY VISHAY-SI4724CY Datasheet
70Kb / 8P
   N-Channel Synchronous MOSFETs with Break-Before-Make
Rev. D, 19-May-03
SI4726CY VISHAY-SI4726CY Datasheet
72Kb / 9P
   N-Channel Synchronous MOSFETs with Break-Before-Make
Rev. C, 03-Feb-03
SI4728CY VISHAY-SI4728CY Datasheet
77Kb / 9P
   N-Channel Synchronous MOSFETs with Break-Before-Make
Rev. C, 03-Feb-03
SI4724 VISHAY-SI4724_V01 Datasheet
176Kb / 11P
   N-Channel Synchronous MOSFETs With Break-Before-Make
02-Oct-12
SIP41101 VISHAY-SIP41101 Datasheet
102Kb / 6P
   Half-Bridge N-Channel MOSFET Driver With Break-Before-Make
Rev. A, 11-Aug-03
logo
Pasternack Enterprises,...
PE71S6131 PASTERNACK-PE71S6131 Datasheet
432Kb / 4P
   Switching Sequence Break Before Make
PE71S6130 PASTERNACK-PE71S6130 Datasheet
455Kb / 4P
   Switching Sequence Break Before Make
PE71S6128 PASTERNACK-PE71S6128 Datasheet
464Kb / 4P
   Switching Sequence Break Before Make
PE71S6132 PASTERNACK-PE71S6132 Datasheet
492Kb / 4P
   Switching Sequence Break Before Make
PE71S6129 PASTERNACK-PE71S6129 Datasheet
462Kb / 4P
   Switching Sequence Break Before Make
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com