Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4670DY-T1-E3 Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce SI4670DY-T1-E3
Description  Dual N-Channel 25-V (D-S) MOSFET with Schottky Diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4670DY-T1-E3 Fiches technique(HTML) 3 Page - Vishay Siliconix

  SI4670DY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI4670DY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI4670DY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI4670DY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI4670DY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI4670DY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI4670DY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI4670DY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI4670DY-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Document Number: 69595
S09-2109-Rev. C, 12-Oct-09
www.vishay.com
3
Vishay Siliconix
Si4670DY
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.a
Max.
Unit
Dynamica
Turn-On Delay Time
td(on)
Channel-1
VDD = 13 V, RL = 2.3 Ω
ID ≅ 5.6 A, VGEN = 4.5 V, Rg = 1 Ω
Channel-2
VDD = 13 V, RL = 2.3 Ω
ID ≅ 5.6 A, VGEN = 4.5 V, Rg = 1 Ω
Ch-1
15
25
ns
Ch-2
15
25
Rise Time
tr
Ch-1
50
75
Ch-2
50
75
Turn-Off Delay Time
td(off)
Ch-1
20
30
Ch-2
20
30
Fall Time
tf
Ch-1
10
15
Ch-2
10
15
Turn-On Delay Time
td(on)
Channel-1
VDD = 13 V, RL = 2.3 Ω
ID ≅ 5.6 A, VGEN = 10 V, Rg = 1 Ω
Channel-2
VDD = 13 V, RL = 2.3 Ω
ID ≅ 5.6 A, VGEN = 10 V, Rg = 1 Ω
Ch-1
10
15
Ch-2
10
15
Rise Time
tr
Ch-1
12
20
Ch-2
12
20
Turn-Off Delay Time
td(off)
Ch-1
15
25
Ch-2
15
25
Fall Time
tf
Ch-1
10
15
Ch-2
10
15
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
Ch-1
2.3
A
Ch-2
2.3
Pulse Diode Forward Currenta
ISM
Ch-1
30
Ch-2
30
Body Diode Voltage
VSD
IS = 5.6 A
Ch-1
0.8
1.2
V
IS = 1 A
Ch-2
0.37
0.43
Body Diode Reverse Recovery Time
trr
Channel-1
IF = 5.6 A, dI/dt = 100 A/µs, TJ = 25 °C
Channel-2
IF = 5.6 A, dI/dt = 100 A/µs, TJ = 25 °C
Ch-1
15
30
ns
Ch-2
15
30
Body Diode Reverse Recovery Charge
Qrr
Ch-1
8
16
nC
Ch-2
8
16
Reverse Recovery Fall Time
ta
Ch-1
8.5
ns
Ch-2
8.5
Reverse Recovery Rise Time
tb
Ch-1
6.5
Ch-2
6.5


Numéro de pièce similaire - SI4670DY-T1-E3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Telefunken
SI4670DY TFUNK-SI4670DY Datasheet
278Kb / 15P
   Dual N-Channel 25-V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SI4670DY VISHAY-SI4670DY Datasheet
209Kb / 14P
   Dual N-Channel 25-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI4670DY_RC VISHAY-SI4670DY_RC Datasheet
130Kb / 4P
   R-C Thermal Model Parameters
Revision: 02-Oct-07
SI4670DY VISHAY-SI4670DY_V01 Datasheet
209Kb / 14P
   Dual N-Channel 25-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results

Description similaire - SI4670DY-T1-E3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4670DY VISHAY-SI4670DY_V01 Datasheet
209Kb / 14P
   Dual N-Channel 25-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIZF914DT VISHAY-SIZF914DT Datasheet
330Kb / 12P
   Dual N-Channel 25 V (D-S) MOSFET with Schottky Diode
08-Feb-17
logo
Vishay Telefunken
SI4670DY TFUNK-SI4670DY Datasheet
278Kb / 15P
   Dual N-Channel 25-V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SIRC16DP VISHAY-SIRC16DP Datasheet
197Kb / 7P
   N-Channel 25 V (D-S) MOSFET with Schottky Diode
Rev. B, 05-Sep-16
SIRC16DP VISHAY-SIRC16DP_V01 Datasheet
253Kb / 9P
   N-Channel 25 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI4808DY VISHAY-SI4808DY Datasheet
46Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4818DY VISHAY-SI4818DY Datasheet
68Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4816BDY VISHAY-SI4816BDY Datasheet
88Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 09-Aug-04
SI4854DY VISHAY-SI4854DY Datasheet
53Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Apr-01
SI4834BDY-T1-E3 VISHAY-SI4834BDY-T1-E3 Datasheet
261Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-May-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com