Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4620DY-T1-GE3 Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SI4620DY-T1-GE3
Description  N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4620DY-T1-GE3 Fiches technique(HTML) 2 Page - Vishay Siliconix

  SI4620DY-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI4620DY-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI4620DY-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI4620DY-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI4620DY-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI4620DY-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI4620DY-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI4620DY-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI4620DY-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.vishay.com
2
Document Number: 73862
S09-1341-Rev. D, 13-Jul-09
Vishay Siliconix
Si4620DY
Notes:
a. Surface Mounted on FR4 board.
b. t
≤ 10 s.
c. Maximum under Steady State conditions for MOSFETS is 110 °C/W.
d. Maximum under Steady State conditions for Schottky is 115 °C/W.
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambient (MOSFET)a, c
RthJA
53
62.5
°C/W
Maximum Junction-to-Foot (Drain) (MOSFET)
RthJF
30
40
Maximum Junction-to-Ambient (Schottky)
RthJA
55
65
Maximum Junction-to-Foot (Drain) (Schottky)
RthJF
32
42
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
30
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
32.5
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 5.3
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.2
2.5
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
µA
VDS = 30 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≤ 5 V, VGS = 10 V
30
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 6 A
0.028
0.035
Ω
VGS = 4.5 V, ID = 4.9 A
0.041
0.052
Forward Transconductancea
gfs
VDS = 15 V, ID = 6 A
12
S
Dynamicb
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, f = 1 MHz
520
1040
pF
Output Capacitance
Coss
115
230
Reverse Transfer Capacitance
Crss
55
110
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 6 A
8.6
13
nC
VDS = 15 V, VGS = 4.5 V, ID = 6 A
4.2
6.5
Gate-Source Charge
Qgs
1.8
Gate-Drain Charge
Qgd
1.5
Gate Resistance
Rg
f = 1 MHz
2.8
Ω
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 3.1 Ω
ID ≅ 4.8 A, VGEN = 4.5 V, Rg = 6 Ω
16
30
ns
Rise Time
tr
36
54
Turn-Off Delay Time
td(off)
21
40
Fall Time
tf
17
40


Numéro de pièce similaire - SI4620DY-T1-GE3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Telefunken
SI4620DY TFUNK-SI4620DY Datasheet
287Kb / 13P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
More results

Description similaire - SI4620DY-T1-GE3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI7160DP VISHAY-SI7160DP Datasheet
109Kb / 7P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 16-Feb-09
SI4646DY VISHAY-SI4646DY Datasheet
210Kb / 9P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 18-May-09
SIE726DF VISHAY-SIE726DF Datasheet
210Kb / 10P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 13-Jul-09
logo
Unisonic Technologies
UT4810D UTC-UT4810D Datasheet
201Kb / 5P
   N-CHANNEL 30-V (D-S) MOSFET WITH SCHOTTKY DIODE
logo
Vishay Siliconix
SI4810DY VISHAY-SI4810DY Datasheet
43Kb / 5P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. F, 26-May-03
SI7720DN VISHAY-SI7720DN Datasheet
552Kb / 14P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 04-Aug-08
SI4812BDY-E3 VISHAY-SI4812BDY-E3 Datasheet
254Kb / 9P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 29-Dec-08
logo
Vishay Telefunken
SIS782DN TFUNK-SIS782DN Datasheet
560Kb / 14P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
SI7748DP TFUNK-SI7748DP Datasheet
385Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SIS782DN VISHAY-SIS782DN_V01 Datasheet
594Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIS780DN VISHAY-SIS780DN_V01 Datasheet
592Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com