Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Si4559ADY-T1-GE3 Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce Si4559ADY-T1-GE3
Description  N- and P-Channel 60-V (D-S) MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Si4559ADY-T1-GE3 Fiches technique(HTML) 2 Page - Vishay Siliconix

  Si4559ADY-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix Si4559ADY-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix Si4559ADY-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix Si4559ADY-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix Si4559ADY-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix Si4559ADY-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix Si4559ADY-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix Si4559ADY-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix Si4559ADY-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.vishay.com
2
Document Number: 73624
S09-0393-Rev. B, 09-Mar-09
Vishay Siliconix
Si4559ADY
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.a
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
N-Ch
60
V
VGS = 0 V, ID = - 250 µA
P-Ch
- 60
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
N-Ch
55
mV
ID = - 250 µA
P-Ch
- 50
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
ID = 250 µA
N-Ch
- 6
ID = - 250 µA
P-Ch
4
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
N-Ch
1
3
V
VDS = VGS, ID = - 250 µA
P-Ch
- 1
- 3
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
N-Ch
100
nA
P-Ch
- 100
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V
N-Ch
1
µA
VDS = - 60 V, VGS = 0 V
P-Ch
- 1
VDS = 60 V, VGS = 0 V, TJ = 55 °C
N-Ch
10
VDS = - 60 V, VGS = 0 V, TJ = 55 °C
P-Ch
- 10
On-State Drain Currentb
ID(on)
VDS ≥ 5 V, VGS = 10 V
N-Ch
20
A
VDS ≤ - 5 V, VGS = - 10 V
P-Ch
- 25
Drain-Source On-State Resistanceb
RDS(on)
VGS = 10 V, ID = 4.3 A
N-Ch
0.046
0.058
Ω
VGS = - 10 V, ID = - 3.1 A
P-Ch
0.1
0.120
VGS = 4.5 V, ID = 3.9 A
N-Ch
0.059
0.072
VGS = - 4.5 V, ID = - 0.2 A
P-Ch
0.126
0.150
Forward Transconductanceb
gfs
VDS = 15 V, ID = 4.3 A
N-Ch
15
S
VDS = - 15 V, ID = - 3.1 A
P-Ch
8.5
Dynamica
Input Capacitance
Ciss
N-Channel
VDS = 15 V, VGS = 0 V, f = 1 MHz
P-Channel
VDS = - 15 V, VGS = 0 V, f = 1 MHz
N-Ch
665
pF
P-Ch
650
Output Capacitance
Coss
N-Ch
75
P-Ch
95
Reverse Transfer Capacitance
Crss
N-Ch
40
P-Ch
60
Total Gate Charge
Qg
VDS = 30 V, VGS = 10 V, ID = 4.3 A
N-Ch
13
20
nC
VDS = - 30 V, VGS = - 10 V, ID = - 3.1 A
P-Ch
14.5
22
N-Channel
VDS = 30 V, VGS = 4.5 V, ID = 4.3 A
P-Channel
VDS = - 30 V, VGS = - 4.5 V, ID = - 3.1 A
N-Ch
6
9
P-Ch
8
12
Gate-Source Charge
Qgs
N-Ch
2.3
P-Ch
2.2
Gate-Drain Charge
Qgd
N-Ch
2.6
P-Ch
3.7
Gate Resistance
Rg
f = 1 MHz
N-Ch
2
3
Ω
P-Ch
14
20


Numéro de pièce similaire - Si4559ADY-T1-GE3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4559ADY-T1-GE3 VISHAY-SI4559ADY-T1-GE3 Datasheet
253Kb / 14P
   N- and P-Channel 60 V (D-S) MOSFET
01-Jan-2022
More results

Description similaire - Si4559ADY-T1-GE3

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
IRF7343TRPBF VBSEMI-IRF7343TRPBF Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
UTM4052L-S08-R VBSEMI-UTM4052L-S08-R Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
P3304QV VBSEMI-P3304QV Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
ZXMC6A09DN8TA VBSEMI-ZXMC6A09DN8TA Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
SSG4543C VBSEMI-SSG4543C Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
STM8455 VBSEMI-STM8455 Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
STM8458 VBSEMI-STM8458 Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
STM8450A VBSEMI-STM8450A Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
AP4575GM VBSEMI-AP4575GM Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
4563GM VBSEMI-4563GM Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com