Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BAV99S Fiches technique(PDF) 3 Page - Siemens Semiconductor Group

No de pièce BAV99S
Description  Silicon Switching Diode Array (For high-speed switching applications Connected in series Internal galvanic isolated Diodes in one package)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAV99S Fiches technique(HTML) 3 Page - Siemens Semiconductor Group

  BAV99S Datasheet HTML 1Page - Siemens Semiconductor Group BAV99S Datasheet HTML 2Page - Siemens Semiconductor Group BAV99S Datasheet HTML 3Page - Siemens Semiconductor Group BAV99S Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAV 99S
Semiconductor Group
Apr-27-1998
3
Forward current
IF = f (TA*;TS)
* Package mounted on epoxy
0
20
40
60
80
100
120 °C
150
TA,TS
0
50
100
150
200
mA
300
IF
1
TS
TA
Forward current
IF = f VF)
TA = 25°C
EHB00076
BAV 99
F
150
mA
100
50
Ι
0
V
F
1.5
V
1.0
0.5
0
typ
max
Permissible Pulse Load
RthJS = f(tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
3
10
K/W
RthJS
0.5
0.2
0.1
0.05
0.02
0.01
0.005
D = 0
Permissible Pulse Load
IFmax / IFDC = f(tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
-
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Semiconductor Group
3
1998-11-01


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
BAS16S Silicon Switching Diode Array For high-speed switching applications Internal galvanic isolated Diodes in one package 1  2  3  4  Siemens Semiconductor Group
BAS28W Silicon Switching Diode Array For high-speed switching applications Electrical insulated diodes 1  2  3  4  Siemens Semiconductor Group
BAV99W Silicon Switching Diode Array Connected in series For high speed switching applications 1  2  3  4  Siemens Semiconductor Group
BAV99 Silicon Switching Diode Array For high-speed switching Connected in series 1  2  3  4  Siemens Semiconductor Group
BAS28 Silicon Switching Diode Array For high-speed switching Electrically insulated diodes 1  2  3  4  Siemens Semiconductor Group
BAV199 Silicon Low Leakage Diode Array Low-leakage applications Medium speed switching times Connected in series 1  2  3  4  Siemens Semiconductor Group
BAW100 Silicon Switching Diode Array For high-speed switching Electrically insulated diodes 1  2  3  4  Siemens Semiconductor Group
BAW56 Silicon Switching Diode Array For high-speed switching applications Common anode 1  2  3  4  Siemens Semiconductor Group
BAW56S Silicon Switching Diode Array For high-speed switching applications Common anode 1  2  3  4  Siemens Semiconductor Group
BAT68-07W Silicon Schottky Diodes For mixer applications in the VHF / UHF range For high-speed switching applications 1  2  3  4  5  Siemens Semiconductor Group

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn