Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BAV99S Fiches technique(PDF) 2 Page - Siemens Semiconductor Group

No de pièce BAV99S
Description  Silicon Switching Diode Array (For high-speed switching applications Connected in series Internal galvanic isolated Diodes in one package)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAV99S Fiches technique(HTML) 2 Page - Siemens Semiconductor Group

  BAV99S Datasheet HTML 1Page - Siemens Semiconductor Group BAV99S Datasheet HTML 2Page - Siemens Semiconductor Group BAV99S Datasheet HTML 3Page - Siemens Semiconductor Group BAV99S Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAV 99S
Semiconductor Group
Apr-27-1998
2
Electrical Characteristics at
TA = 25°C, unless otherwise specified.
Parameter
Values
Symbol
Unit
max.
typ.
min.
DC characteristics
V
V(BR)
Breakdown voltage
I(BR) = 100 µA
-
-
70
mV
Forward voltage
IF = 1 mA
IF = 10 mA
IF = 50 mA
IF = 150 mA
-
-
-
-
-
-
-
-
VF
715
855
1000
1250
µA
Reverse current
VR = 70 V
IR
2.5
-
-
nA
Reverse current
VR = 25 V, TA = 150 °C
VR = 70 V, TA = 150 °C
IR
-
-
-
-
30
50
AC characteristics
pF
Diode capacitance
VR = 0 V, f = 1 MHz
-
1.5
-
CD
Reverse recovery time
IF = 10 mA, IR = 10 mA, RL = 100 Ω,
measured at
IR = 1mA
trr
6
ns
-
-
Test circuit for reverse recovery time
EHN00019
Ι
F
D.U.T.
Oscillograph
Pulse generator:
tp = 100ns, D = 0.05,
tr = 0.6ns, Ri = 50Ω
Oscillograph:
R = 50
Ω, t
r = 0.35ns,
C
≤ 1pF
Semiconductor Group
2
1998-11-01


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
BAS16S Silicon Switching Diode Array For high-speed switching applications Internal galvanic isolated Diodes in one package 1  2  3  4  Siemens Semiconductor Group
BAS28W Silicon Switching Diode Array For high-speed switching applications Electrical insulated diodes 1  2  3  4  Siemens Semiconductor Group
BAV99W Silicon Switching Diode Array Connected in series For high speed switching applications 1  2  3  4  Siemens Semiconductor Group
BAV99 Silicon Switching Diode Array For high-speed switching Connected in series 1  2  3  4  Siemens Semiconductor Group
BAS28 Silicon Switching Diode Array For high-speed switching Electrically insulated diodes 1  2  3  4  Siemens Semiconductor Group
BAV199 Silicon Low Leakage Diode Array Low-leakage applications Medium speed switching times Connected in series 1  2  3  4  Siemens Semiconductor Group
BAW100 Silicon Switching Diode Array For high-speed switching Electrically insulated diodes 1  2  3  4  Siemens Semiconductor Group
BAW56 Silicon Switching Diode Array For high-speed switching applications Common anode 1  2  3  4  Siemens Semiconductor Group
BAW56S Silicon Switching Diode Array For high-speed switching applications Common anode 1  2  3  4  Siemens Semiconductor Group
BAT68-07W Silicon Schottky Diodes For mixer applications in the VHF / UHF range For high-speed switching applications 1  2  3  4  5  Siemens Semiconductor Group

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn