Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BAV99S Fiches technique(PDF) 1 Page - Siemens Semiconductor Group

No de pièce BAV99S
Description  Silicon Switching Diode Array (For high-speed switching applications Connected in series Internal galvanic isolated Diodes in one package)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAV99S Fiches technique(HTML) 1 Page - Siemens Semiconductor Group

  BAV99S Datasheet HTML 1Page - Siemens Semiconductor Group BAV99S Datasheet HTML 2Page - Siemens Semiconductor Group BAV99S Datasheet HTML 3Page - Siemens Semiconductor Group BAV99S Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAV 99S
Semiconductor Group
Apr-27-1998
1
Silicon Switching Diode Array
• For high-speed switching applications
• Connected in series
• Internal (galvanic) isolated Diodes
in one package
VPS05604
6
3
1
5
4
2
Type
Marking Ordering Code
Package
Pin Configuration
A7s
Q62702-A1277
1/4 = A1 2/5 = C2 3/6=C1/A2 SOT-363
BAV 99S
Maximum Ratings
Parameter
Value
Symbol
Unit
V
VR
70
Diode reverse voltage
Peak reverse voltage
VRM
70
200
mA
Forward current
IF
A
IFS
Surge forward current, t = 1
µs
4.5
Total power dissipation,
TS = 85 °C
Ptot
250
mW
150
°C
Junction temperature
Tj
Storage temperature
Tstg
65 ...+150
Thermal Resistance
K/W
Junction - ambient
1)
RthJA
≤ 530
Junction - soldering point
RthJS
≤ 260
1) Package mounted on epoxy pcb 40mm x 40mm x 1.5mm / 0.5cm2 Cu
Semiconductor Group
1
1998-11-01


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
BAS16S Silicon Switching Diode Array For high-speed switching applications Internal galvanic isolated Diodes in one package 1  2  3  4  Siemens Semiconductor Group
BAS28W Silicon Switching Diode Array For high-speed switching applications Electrical insulated diodes 1  2  3  4  Siemens Semiconductor Group
BAV99W Silicon Switching Diode Array Connected in series For high speed switching applications 1  2  3  4  Siemens Semiconductor Group
BAV99 Silicon Switching Diode Array For high-speed switching Connected in series 1  2  3  4  Siemens Semiconductor Group
BAS28 Silicon Switching Diode Array For high-speed switching Electrically insulated diodes 1  2  3  4  Siemens Semiconductor Group
BAV199 Silicon Low Leakage Diode Array Low-leakage applications Medium speed switching times Connected in series 1  2  3  4  Siemens Semiconductor Group
BAW100 Silicon Switching Diode Array For high-speed switching Electrically insulated diodes 1  2  3  4  Siemens Semiconductor Group
BAW56 Silicon Switching Diode Array For high-speed switching applications Common anode 1  2  3  4  Siemens Semiconductor Group
BAW56S Silicon Switching Diode Array For high-speed switching applications Common anode 1  2  3  4  Siemens Semiconductor Group
BAT68-07W Silicon Schottky Diodes For mixer applications in the VHF / UHF range For high-speed switching applications 1  2  3  4  5  Siemens Semiconductor Group

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn