Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BAV99 Fiches technique(PDF) 1 Page - Siemens Semiconductor Group

No de pièce BAV99
Description  Silicon Switching Diode Array (For high-speed switching Connected in series)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAV99 Fiches technique(HTML) 1 Page - Siemens Semiconductor Group

  BAV99 Datasheet HTML 1Page - Siemens Semiconductor Group BAV99 Datasheet HTML 2Page - Siemens Semiconductor Group BAV99 Datasheet HTML 3Page - Siemens Semiconductor Group BAV99 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
04.96
Silicon Switching Diode Array
BAV 99
Features
q
For high-speed switching
q
Connected in series
Maximum Ratings per Diode
Type
Ordering Code
(tape and reel)
Marking
Package1)
Pin Configuration
BAV 99
Q68000-A549
A7s
SOT-23
Parameter
Symbol
Values
Unit
Reverse voltage
VR
70
V
Forward current
IF
200
mA
Junction temperature
Tj
150
˚C
Total power dissipation, TS =31˚C
Ptot
330
mW
Storage temperature range
Tstg
– 65 … + 150
Peak reverse voltage
VRM
70
Surge forward current,
t = 1 µs
IFS
4.5
A
1)
For detailed information see chapter Package Outlines.


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
BAV99S Silicon Switching Diode Array For high-speed switching applications Connected in series Internal galvanic isolated Diodes in one package 1  2  3  4  Siemens Semiconductor Group
BAV99W Silicon Switching Diode Array Connected in series For high speed switching applications 1  2  3  4  Siemens Semiconductor Group
BAV74 Silicon Switching Diode Array For high-speed switching Common cathode 1  2  3  4  Siemens Semiconductor Group
BAW100 Silicon Switching Diode Array For high-speed switching Electrically insulated diodes 1  2  3  4  Siemens Semiconductor Group
BAS16S Silicon Switching Diode Array For high-speed switching applications Internal galvanic isolated Diodes in one package 1  2  3  4  Siemens Semiconductor Group
BAS28 Silicon Switching Diode Array For high-speed switching Electrically insulated diodes 1  2  3  4  Siemens Semiconductor Group
BAW56 Silicon Switching Diode Array For high-speed switching applications Common anode 1  2  3  4  Siemens Semiconductor Group
BAS28W Silicon Switching Diode Array For high-speed switching applications Electrical insulated diodes 1  2  3  4  Siemens Semiconductor Group
BAW56S Silicon Switching Diode Array For high-speed switching applications Common anode 1  2  3  4  Siemens Semiconductor Group
BAS70-04S Silicon Schottky Diode Array General-purpose diode for high-speed switching Circuit protection Voltage clamping 1  2  3  4  Siemens Semiconductor Group