Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4403CDY Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SI4403CDY
Description  P-Channel 1.8 V (G-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4403CDY Fiches technique(HTML) 2 Page - Vishay Siliconix

  SI4403CDY Datasheet HTML 1Page - Vishay Siliconix SI4403CDY Datasheet HTML 2Page - Vishay Siliconix SI4403CDY Datasheet HTML 3Page - Vishay Siliconix SI4403CDY Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
Document Number: 67520
2
S11-0400-Rev. A, 14-Mar-11
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPICE Device Model Si4403CDY
Vishay Siliconix
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
TEST CONDITIONS
SIMULATED
DATA
MEASURED
DATA
UNIT
Static
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 μA
0.50
-
V
Drain-Source On-State Resistancea
RDS(on)
VGS = - 4.5 V, ID = - 9 A
0.0133
0.0125
VGS = - 2.5 V, ID = - 6 A
0.0150
0.0155
Forward Transconductancea
gfs
VDS = - 10 V, ID = - 9 A
45
40
S
Diode Forward Voltage
VSD
IS = - 3 A
- 0.65
- 0.66
V
Dynamicb
Input Capacitance
Ciss
VDS = - 10 V, VGS = 0 V, f = 1 MHz
2360
2380
pF
Output Capacitance
Coss
345
340
Reverse Transfer Capacitance
Crss
286
280
Total Gate Charge
Qg
VDS = - 10 V, VGS = - 8 V, ID = - 5 A
50
60
nC
VDS = - 10 V, VGS = - 4.5 V, ID = - 5 A
30
36.5
Gate-Source Charge
Qgs
3.1
3.1
Gate-Drain Charge
Qgd
9.9
9.9


Numéro de pièce similaire - SI4403CDY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4403CDY VISHAY-SI4403CDY Datasheet
172Kb / 9P
   P-Channel 1.8 V (G-S) MOSFET
01-Jan-2022
SI4403CDY VISHAY-SI4403CDY_V01 Datasheet
172Kb / 9P
   P-Channel 1.8 V (G-S) MOSFET
01-Jan-2022
More results

Description similaire - SI4403CDY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI1305DL VISHAY-SI1305DL Datasheet
42Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 07-Apr-03
SI2311DS-T1-E3 VISHAY-SI2311DS-T1-E3 Datasheet
214Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 24-Mar-08
SI1407DL-T1 VISHAY-SI1407DL-T1 Datasheet
80Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 12-Jun-06
SI4465ADY VISHAY-SI4465ADY Datasheet
216Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Jan-07
SI6467BDQ VISHAY-SI6467BDQ_05 Datasheet
196Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 12-Dec-05
SI1307DL VISHAY-SI1307DL Datasheet
68Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
SI1407DL VISHAY-SI1407DL Datasheet
64Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 17-Jul-00
SI1305DL VISHAY-SI1305DL_08 Datasheet
109Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
S-51075-Rev. D, 13-Jun-05
logo
Leshan Radio Company
LSI1013XT1G LRC-LSI1013XT1G Datasheet
371Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI6467BDQ-T1-E3 VISHAY-SI6467BDQ-T1-E3 Datasheet
208Kb / 11P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 31-Mar-08
SI2315BDS VISHAY-SI2315BDS_V01 Datasheet
181Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com