Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4286DY Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SI4286DY
Description  Dual N-Channel 40 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4286DY Fiches technique(HTML) 1 Page - Vishay Siliconix

  SI4286DY Datasheet HTML 1Page - Vishay Siliconix SI4286DY Datasheet HTML 2Page - Vishay Siliconix SI4286DY Datasheet HTML 3Page - Vishay Siliconix SI4286DY Datasheet HTML 4Page - Vishay Siliconix SI4286DY Datasheet HTML 5Page - Vishay Siliconix SI4286DY Datasheet HTML 6Page - Vishay Siliconix SI4286DY Datasheet HTML 7Page - Vishay Siliconix SI4286DY Datasheet HTML 8Page - Vishay Siliconix SI4286DY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
Si4286DY
Document Number: 67599
S11-1151-Rev. A, 13-Jun-11
www.vishay.com
1
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Dual N-Channel 40 V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Gen III Power MOSFET
100 % Rg Tested
100 % UIS Tested
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
DC/DC Converter
- External HDD
- Notebook System Power
LCD Display Backlighting
PRODUCT SUMMARY
VDS (V)
RDS(on) ()ID (A)
a
Qg (Typ.)
40
0.0325 at VGS = 10 V
7
3.3 nC
0.040 at VGS = 4.5 V
6.3
D1
G1
D1
D2
G2
D2
SO-8
5
6
7
8
Top View
2
3
4
1
S1
S2
Ordering Information: Si4286DY-T1-GE3 (Lead (Pb)-free and Halogen-free)
N-Channel MOSFET
G1
D1
S1
N-Channel MOSFET
G2
D2
S2
Notes:
a. Package limited.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under steady state conditions is 120 °C/W.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
40
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
7
A
TC = 70 °C
5.6
TA = 25 °C
5.7b, c
TA = 70 °C
4.6b, c
Pulsed Drain Current (t = 300 µs)
IDM
20
Continuous Source-Drain Diode Current
TC = 25 °C
IS
2.4
TA = 25 °C
1.6b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
8
Single Pulse Avalanche Energy
EAS
3.2
mJ
Maximum Power Dissipation
TC = 25 °C
PD
2.9
W
TC = 70 °C
1.86
TA = 25 °C
1.9b, c
TA = 70 °C
1.23b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
 10 s
RthJA
55
65
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
35
43


Numéro de pièce similaire - SI4286DY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Telefunken
SI4286DY TFUNK-SI4286DY Datasheet
262Kb / 10P
   Dual N-Channel 40 V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
SI4286DY DOINGTER-SI4286DY Datasheet
1Mb / 4P
   Dual N-Channel MOSFET uses advanced trench technology
logo
Vishay Siliconix
SI4286DY VISHAY-SI4286DY Datasheet
195Kb / 9P
   Dual N-Channel 40 V (D-S) MOSFET
08-Feb-17
logo
VBsemi Electronics Co.,...
SI4286DY-T1-GE3 VBSEMI-SI4286DY-T1-GE3 Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
Vishay Siliconix
SI4286DY VISHAY-SI4286DY_V01 Datasheet
195Kb / 9P
   Dual N-Channel 40 V (D-S) MOSFET
08-Feb-17
More results

Description similaire - SI4286DY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4906DY-T1-E3 VISHAY-SI4906DY-T1-E3 Datasheet
267Kb / 10P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. C, 16-Nov-09
SI7938DP VISHAY-SI7938DP Datasheet
513Kb / 13P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. A, 28-Sep-09
logo
Analog Power
AM7640N ANALOGPOWER-AM7640N Datasheet
77Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
AM4940N ANALOGPOWER-AM4940N Datasheet
120Kb / 5P
   Dual N-Channel 40-V (D-S) MOSFET
AM4942N ANALOGPOWER-AM4942N Datasheet
180Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
9960M VBSEMI-9960M Datasheet
1,004Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
AO4884 VBSEMI-AO4884 Datasheet
1Mb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
VB3420 VBSEMI-VB3420 Datasheet
716Kb / 9P
   Dual N-Channel 40 V (D-S) MOSFET
VBA3410 VBSEMI-VBA3410 Datasheet
614Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
logo
Leshan Radio Company
LDN4818T1G LRC-LDN4818T1G Datasheet
327Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
NTMD5836NLR2G VBSEMI-NTMD5836NLR2G Datasheet
1,004Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com