Moteur de recherche de fiches techniques de composants électroniques |
|
SI4134DY-T1-GE3 Fiches technique(PDF) 2 Page - Vishay Siliconix |
|
SI4134DY-T1-GE3 Fiches technique(HTML) 2 Page - Vishay Siliconix |
2 / 10 page www.vishay.com 2 Document Number: 68999 S11-0650-Rev. C, 11-Apr-11 Vishay Siliconix Si4134DY This document is subject to change without notice. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Notes: a. Pulse test; pulse width 300 µs, duty cycle 2 % b. Guaranteed by design, not subject to production testing. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. SPECIFICATIONS (TJ = 25 °C, unless otherwise noted) Parameter Symbol Test Conditions Min. Typ. Max. Unit Static Drain-Source Breakdown Voltage VDS VGS = 0 V, ID = 250 µA 30 V VDS Temperature Coefficient VDS/TJ ID = 250 µA 33 mV/°C VGS(th) Temperature Coefficient VGS(th)/TJ - 5.0 Gate-Source Threshold Voltage VGS(th) VDS = VGS , ID = 250 µA 1.2 1.8 2.5 V Gate-Source Leakage IGSS VDS = 0 V, VGS = ± 20 V ± 100 nA Zero Gate Voltage Drain Current IDSS VDS = 30 V, VGS = 0 V 1 µA VDS = 30 V, VGS = 0 V, TJ = 55 °C 10 On-State Drain Currenta ID(on) VDS 5 V, VGS = 10 V 20 A Drain-Source On-State Resistancea RDS(on) VGS 10 V, ID = 10 A 0.0115 0.014 VGS 4.5 V, ID = 7 A 0.0145 0.0175 Forward Transconductancea gfs VDS = 15 V, ID = 10 A 24 S Dynamicb Input Capacitance Ciss VDS = 15 V, VGS = 0 V, f = 1 MHz 846 pF Output Capacitance Coss 187 Reverse Transfer Capacitance Crss 72 Total Gate Charge Qg VDS = 15 V, VGS = 10 V, ID = 10 A 15.4 23 nC VDS = 15 V, VGS = 4.5 V, ID = 10 A 7.3 11 Gate-Source Charge Qgs 2.3 Gate-Drain Charge Qgd 2.2 Gate Resistance Rg f = 1 MHz 0.2 0.8 1.6 Turn-On Delay Time td(on) VDD = 15 V, RL = 1.5 ID 10 A, VGEN = 4.5 V, Rg = 1 15 30 ns Rise Time tr 12 24 Turn-Off Delay Time td(off) 13 26 Fall Time tf 10 20 Turn-On Delay Time td(on) VDD = 15 V, RL = 1.5 ID 10 A, VGEN = 10 V, Rg = 1 918 Rise Time tr 918 Turn-Off Delay Time td(off) 14 28 Fall Time tf 816 Drain-Source Body Diode Characteristics Continuous Source-Drain Diode Current IS TC = 25 °C 4.2 A Pulse Diode Forward Currenta ISM 32 Body Diode Voltage VSD IS = 3 A 0.78 1.2 V Body Diode Reverse Recovery Time trr IF = 10 A, dI/dt = 100 A/µs, TJ = 25 °C 17 34 ns Body Diode Reverse Recovery Charge Qrr 9.5 19 nC Reverse Recovery Fall Time ta 10 ns Reverse Recovery Rise Time tb 7 |
Numéro de pièce similaire - SI4134DY-T1-GE3 |
|
Description similaire - SI4134DY-T1-GE3 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |