Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI2318CDS Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SI2318CDS
Description  N-Channel 40 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2318CDS Fiches technique(HTML) 1 Page - Vishay Siliconix

  SI2318CDS Datasheet HTML 1Page - Vishay Siliconix SI2318CDS Datasheet HTML 2Page - Vishay Siliconix SI2318CDS Datasheet HTML 3Page - Vishay Siliconix SI2318CDS Datasheet HTML 4Page - Vishay Siliconix SI2318CDS Datasheet HTML 5Page - Vishay Siliconix SI2318CDS Datasheet HTML 6Page - Vishay Siliconix SI2318CDS Datasheet HTML 7Page - Vishay Siliconix SI2318CDS Datasheet HTML 8Page - Vishay Siliconix SI2318CDS Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
Si2318CDS
Document Number: 67030
S10-2250-Rev. A, 04-Oct-10
www.vishay.com
1
New Product
N-Channel 40 V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
RDS(on) ()
ID (A)
a
Qg (Typ.)
40
0.042 at VGS = 10 V
5.6
2.9 nC
0.051 at VGS = 4.5 V
5.1
Marking Code
P9
XXX
Lot Traceability
and Date Code
Part # Code
Ordering Information: Si2318CDS-T1-GE3 (Lead (Pb)-free and Halogen-free)
N-Channel MOSFET
G
D
S
G
S
D
Top View
2
3
SOT-23
1
(3)
(2)
(1)
Notes:
a. Based on TC = 25 °C
b. Surface mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under steady state conditions is 125 °C/W.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
40
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
5.6a
A
TC = 70 °C
4.5
TA = 25 °C
4.3b, c
TA = 70 °C
3.5b, c
Pulsed Drain Current
IDM
20
Continuous Source-Drain Diode Current
TC = 25 °C
IS
1.75
TA = 25 °C
1.04b, c
Maximum Power Dissipation
TC = 25 °C
PD
2.1
W
TC = 70 °C
1.3
TA = 25 °C
1.25b, c
TA = 70 °C
0.8b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
 5 s
RthJA
80
100
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
40
60
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
100 % Rg Tested
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
DC/DC Converters
Load Switch
Portable and Consumer Applications


Numéro de pièce similaire - SI2318CDS

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI2318CDS VISHAY-SI2318CDS Datasheet
202Kb / 9P
   N-Channel 40 V (D-S) MOSFET
01-Jan-2022
SI2318CDS-T1-GE3 VISHAY-SI2318CDS-T1-GE3 Datasheet
239Kb / 10P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 04-Oct-10
logo
VBsemi Electronics Co.,...
SI2318CDS-T1-GE3 VBSEMI-SI2318CDS-T1-GE3 Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI2318CDS-T1-GE3 VISHAY-SI2318CDS-T1-GE3 Datasheet
202Kb / 9P
   N-Channel 40 V (D-S) MOSFET
01-Jan-2022
SI2318CDS VISHAY-SI2318CDS_V01 Datasheet
202Kb / 9P
   N-Channel 40 V (D-S) MOSFET
01-Jan-2022
More results

Description similaire - SI2318CDS

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI2318DS VISHAY-SI2318DS Datasheet
79Kb / 4P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 18-Aug-03
SIRA58DP VISHAY-SIRA58DP Datasheet
409Kb / 13P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
SUM90N04-3M3P VISHAY-SUM90N04-3M3P Datasheet
185Kb / 8P
   N-Channel 40 V (D-S) MOSFET
Rev. B, 02-Dec-13
logo
Analog Power
AM2340N ANALOGPOWER-AM2340N Datasheet
326Kb / 5P
   N-Channel 40-V (D-S) MOSFET
AM90N04-01P ANALOGPOWER-AM90N04-01P Datasheet
315Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7156DP VISHAY-SI7156DP Datasheet
108Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 09-Feb-09
SISS10DN VISHAY-SISS10DN Datasheet
330Kb / 9P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
logo
Analog Power
AM2344N ANALOGPOWER-AM2344N Datasheet
313Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI4154DY VISHAY-SI4154DY Datasheet
91Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 01-Jun-09
SI4446DY VISHAY-SI4446DY Datasheet
265Kb / 9P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 02-Mar-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com