Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI1317DL Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SI1317DL
Description  P-Channel 20 V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1317DL Fiches technique(HTML) 2 Page - Vishay Siliconix

  SI1317DL Datasheet HTML 1Page - Vishay Siliconix SI1317DL Datasheet HTML 2Page - Vishay Siliconix SI1317DL Datasheet HTML 3Page - Vishay Siliconix SI1317DL Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
Document Number: 67525
2
S11-0395-Rev. A, 14-Mar-11
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPICE Device Model Si1317DL
Vishay Siliconix
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
TEST CONDITIONS
SIMULATED
DATA
MEASURED
DATA
UNIT
Static
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 μA
0.70
-
V
Drain-Source On-State Resistancea
RDS(on)
VGS = - 4.5 V, ID = - 1.4 A
0.126
0.125
VGS = - 2.5 V, ID = - 1.2 A
0.160
0.160
Forward Transconductancea
gfs
VDS = - 5 V, ID = - 1.4 A
4.5
5
S
Diode Forward Voltage
VSD
IS = - 0.7 A
- 0.70
- 0.80
V
Dynamicb
Input Capacitance
Ciss
VDS = - 10 V, VGS = 0 V, f = 1 MHz
273
272
pF
Output Capacitance
Coss
56
55
Reverse Transfer Capacitance
Crss
45
44
Total Gate Charge
Qg
VDS = - 10 V, VGS = - 4.5 V, ID = - 1.4 A
3.4
4.3
nC
VDS = - 10 V, VGS = - 2.5 V, ID = - 1.4 A
2.2
2.7
Gate-Source Charge
Qgs
0.7
0.7
Gate-Drain Charge
Qgd
11


Numéro de pièce similaire - SI1317DL

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI1317DL VISHAY-SI1317DL Datasheet
248Kb / 11P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1317DL-T1-GE3 VISHAY-SI1317DL-T1-GE3 Datasheet
248Kb / 11P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1317DL VISHAY-SI1317DL_V01 Datasheet
248Kb / 11P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Description similaire - SI1317DL

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com