Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI1058X Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SI1058X
Description  N-Channel 20 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1058X Fiches technique(HTML) 2 Page - Vishay Siliconix

  SI1058X Datasheet HTML 1Page - Vishay Siliconix SI1058X Datasheet HTML 2Page - Vishay Siliconix SI1058X Datasheet HTML 3Page - Vishay Siliconix SI1058X Datasheet HTML 4Page - Vishay Siliconix SI1058X Datasheet HTML 5Page - Vishay Siliconix SI1058X Datasheet HTML 6Page - Vishay Siliconix SI1058X Datasheet HTML 7Page - Vishay Siliconix SI1058X Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
2
Document Number: 73894
S10-2542-Rev. D, 08-Nov-10
Vishay Siliconix
Si1058X
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
20
V
VDS Temperature Coefficient
V
DS/TJ
ID = 250 µA
18.9
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
- 3.6
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
0.7
1.55
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 12 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
1nA
VDS = 20 V, VGS = 0 V, TJ = 85 °C
10
µA
On-State Drain Currenta
ID(on)
VDS =  5 V, VGS = 4.5 V
6
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 4.5 V, ID = 1.3 A
0.076
0.091
VGS = 2.5 V, ID = 1.1 A
0.103
0.124
Forward Transconductance
gfs
VDS = 10 V, ID = 1.3 A
5.5
S
Dynamicb
Input Capacitance
Ciss
VDS = 10 V, VGS = 0 V, f = 1 MHz
380
pF
Output Capacitance
Coss
75
Reverse Transfer Capacitance
Crss
45
Total Gate Charge
Qg
VDS = 10 V, VGS = 5 V, ID = 1.3 A
3.9
5.9
nC
VDS = 10 V, VGS = 4.5 V, ID = 1.3 A
3.51
5.3
Gate-Source Charge
Qgs
0.82
Gate-Drain Charge
Qgd
0.61
Gate Resistance
Rg
f = 1 MHz
4.3
5.6
Turn-On Delay Time
td(on)
VDD = 10 V, RL = 15 
ID  1.0 A, VGEN = 4.5 V, Rg = 1 
812
ns
Rise Time
tr
20
30
Turn-Off DelayTime
td(off)
13
18
Fall Time
tf
69
Drain-Source Body Diode Characteristics
Pulse Diode Forward Currenta
ISM
6
Body Diode Voltage
VSD
IS = 1.0 A
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 1.0 A, dI/dt = 100 A/µs
10.4
16
nC
Body Diode Reverse Recovery Charge
Qrr
3.7
5.7
ns
Reverse Recovery Fall Time
ta
6.5
Reverse Recovery Rise Time
tb
3.9


Numéro de pièce similaire - SI1058X

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI1058X VISHAY-SI1058X Datasheet
232Kb / 3P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 01-Jan-07
SI1058X VISHAY-SI1058X Datasheet
97Kb / 6P
   N-Channel 20-V (D-S) MOSFET
S-81528-Rev. C, 30-Jun-08
SI1058X-T1-E3 VISHAY-SI1058X-T1-E3 Datasheet
97Kb / 6P
   N-Channel 20-V (D-S) MOSFET
S-81528-Rev. C, 30-Jun-08
SI1058X-T1-GE3 VISHAY-SI1058X-T1-GE3 Datasheet
97Kb / 6P
   N-Channel 20-V (D-S) MOSFET
S-81528-Rev. C, 30-Jun-08
SI1058X VISHAY-SI1058X_08 Datasheet
97Kb / 6P
   N-Channel 20-V (D-S) MOSFET
S-81528-Rev. C, 30-Jun-08
More results

Description similaire - SI1058X

FabricantNo de pièceFiches techniqueDescription
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com