Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB1H100HE3-73 Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SB1H100HE3-73
Description  High-Voltage Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SB1H100HE3-73 Fiches technique(HTML) 2 Page - Vishay Siliconix

  SB1H100HE3-73 Datasheet HTML 1Page - Vishay Siliconix SB1H100HE3-73 Datasheet HTML 2Page - Vishay Siliconix SB1H100HE3-73 Datasheet HTML 3Page - Vishay Siliconix SB1H100HE3-73 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 88716
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 04-Aug-09
SB1H90, SB1H100
Vishay General Semiconductor
New Product
Notes
(1) Pulse test: 300 ms pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
Note
(1) P.C.B. mounted with 0.2" x 0.2" (5.0 mm x 5.0 mm) copper pad areas
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Typical Instantaneous Forward Characteristics
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
SB1H90
SB1H100
UNIT
Maximum instantaneous forward voltage
IF = 1.0 A
TJ = 25 °C
VF (1)
0.77
V
TJ = 125 °C
0.62
IF = 2.0 A
TJ = 25 °C
0.86
TJ = 125 °C
0.70
Maximum reverse current at rated VR
TJ = 25 °C
IR (2)
1.0
μA
TJ = 125 °C
0.5
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SB1H90
SB1H100
UNIT
Maximum thermal resistance
RθJA
(1)
57
°C/W
RθJL
(1)
15
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SB1H100-E3/54
0.34
54
5500
13" diameter paper tape and reel
SB1H100-E3/73
0.34
73
3000
Ammo pack packaging
SB1H100HE3/54 (1)
0.34
54
5500
13" diameter paper tape and reel
SB1H100HE3/73 (1)
0.34
73
3000
Ammo pack packaging
0
0
0.6
0.8
1.0
50
25
75
100
125
150
175
Case Temperature (°C)
0.4
0.2
1.2
200
0.2
0
0.4
0.8
1.0
0.01
0.1
10
1
1.2
0.6
1.4
1.6
1.8
100
Instantaneous Forward Voltage (V)
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
T
J = 100 °C
T
J = 175 °C


Numéro de pièce similaire - SB1H100HE3-73

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SB1H100HE3/54 VISHAY-SB1H100HE3/54 Datasheet
94Kb / 4P
   High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Revision: 19-May-08
SB1H100HE3/73 VISHAY-SB1H100HE3/73 Datasheet
94Kb / 4P
   High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Revision: 19-May-08
More results

Description similaire - SB1H100HE3-73

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SB3H90 VISHAY-SB3H90 Datasheet
21Kb / 2P
   High Voltage Schottky Rectifier
1-Jul-02
SB5H90 VISHAY-SB5H90 Datasheet
70Kb / 2P
   High Voltage Schottky Rectifier
16-Aug-04
MBR1090 VISHAY-MBR1090_12 Datasheet
116Kb / 4P
   High-Voltage Schottky Rectifier
Revision: 30-Nov-10
logo
KODENSHI_AUK CORP.
SDB5100PH-1 KODENSHI-SDB5100PH-1 Datasheet
279Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB10100PH-1 KODENSHI-SDB10100PH-1 Datasheet
261Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB10100D-1 KODENSHI-SDB10100D-1 Datasheet
168Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB10200D-1 KODENSHI-SDB10200D-1 Datasheet
168Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB10S100D2-1 KODENSHI-SDB10S100D2-1 Datasheet
252Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB5150PH-1 KODENSHI-SDB5150PH-1 Datasheet
252Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB20D80D2 KODENSHI-SDB20D80D2 Datasheet
260Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB8100PH KODENSHI-SDB8100PH Datasheet
287Kb / 5P
   HIGH VOLTAGE SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com