Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT14-S Fiches technique(PDF) 2 Page - Siemens Semiconductor Group

No de pièce BAT14-S
Description  Silicon Schottky Diodes (Beam lead technology Low dimension High performance Medium barrier)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT14-S Fiches technique(HTML) 2 Page - Siemens Semiconductor Group

  BAT14-S Datasheet HTML 1Page - Siemens Semiconductor Group BAT14-S Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Semiconductor Group
2
BAT 14- … S
BAT 14- ...S
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
Unit
Values
Parameter
Symbol
min.
typ.
max.
V
Breakdown voltage
IR = 10
µA
V(BR)
4––
pF
Diode capacitance
VR = 0, f = 1 MHz
BAT 14-020 S
BAT 14-050 S
BAT 14-090 S
BAT 14-110 S
CT
0.30
0.20
0.14
0.10
0.35
0.25
0.15
0.12
V
Forward voltage
IF = 1 mA
BAT 14-020 S
BAT 14-050 S
BAT 14-090 S
BAT 14-110 S
IF = 10 mA
BAT 14-020 S
BAT 14-050 S
BAT 14-090 S
BAT 14-110 S
VF
0.45
0.47
0.49
0.50
0.55
0.57
0.60
0.65
dB
Single sideband noise figure
FIF = 1.5 dB, PLO = 0 dBm, fIF = 10.7 MHz
f = 3.0 GHz
BAT 14-020 S
f = 6.0 GHz
BAT 14-050 S
f = 9.3 GHz
BAT 14-090 S
f = 16 GHz
BAT 14-110 S
FSSB
6.0
6.5
6.5
7.0
Differential forward resistance
IF = 10 mA
BAT 14-020 S
BAT 14-050 S
IF = 50 mA
BAT 14-090 S
BAT 14-110 S
rf
3.5
4.0
7.0
10.0
DC Characteristics


Numéro de pièce similaire - BAT14-S

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BAT14-013 SIEMENS-BAT14-013 Datasheet
125Kb / 7P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
BAT14-014 SIEMENS-BAT14-014 Datasheet
47Kb / 3P
   Silicon Schottky Diodes (Medium barrier diodes for detector and mixer applications Hermetical ceramic package)
BAT14-014 SIEMENS-BAT14-014 Datasheet
125Kb / 7P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
BAT14-020D SIEMENS-BAT14-020D Datasheet
16Kb / 2P
   Silicon Schottky Diodes (Beam lead technology Low dimension High performance Medium barrier)
BAT14-03 SIEMENS-BAT14-03 Datasheet
36Kb / 4P
   Silicon Schottky Diode (DBS mixer application to 12GHz Medium barrier type Low capacitance)
More results

Description similaire - BAT14-S

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BAT14-D SIEMENS-BAT14-D Datasheet
16Kb / 2P
   Silicon Schottky Diodes (Beam lead technology Low dimension High performance Medium barrier)
BAT15-D SIEMENS-BAT15-D Datasheet
16Kb / 2P
   Silicon Schottky Diodes (Beam lead technology Low dimension High performance Low barrier)
BAT15-S SIEMENS-BAT15-S Datasheet
14Kb / 2P
   Silicon Schottky Diodes (Beam lead technology Low dimension High performance Low barrier)
BAT15-R SIEMENS-BAT15-R Datasheet
17Kb / 2P
   Silicon Schottky Diodes (Beam lead technology Low dimension High performance Low barrier)
logo
Tyco Electronics
MA4E2037 MACOM-MA4E2037 Datasheet
42Kb / 3P
   GaAs Beam Lead Schottky Barrier Diodes
logo
Agilent(Hewlett-Packard...
HSCH-9101 HP-HSCH-9101 Datasheet
66Kb / 4P
   GaAs Beam Lead Schottky Barrier Diodes
logo
List of Unclassifed Man...
DMF5080-000 ETC-DMF5080-000 Datasheet
378Kb / 8P
   Silicon Beam-Lead and Chip Schottky Barrier Mixer Diodes
logo
Tyco Electronics
MA4E2502 MACOM-MA4E2502 Datasheet
269Kb / 4P
   SURMOUNTTM Low, Medium and High Barrier Silicon Schottky Diodes
logo
M/A-COM Technology Solu...
MA4E2502 MA-COM-MA4E2502 Datasheet
115Kb / 5P
   SURMOUNTTM Low, Medium, and High Barrier Silicon Schottky Diodes
MA4E1339 MA-COM-MA4E1339 Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com