Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BAR66 Fiches technique(PDF) 2 Page - Siemens Semiconductor Group

No de pièce BAR66
Description  Silicon PIN Diode Array (Surge protection device Two PIN diodes, series configuration)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAR66 Fiches technique(HTML) 2 Page - Siemens Semiconductor Group

  BAR66 Datasheet HTML 1Page - Siemens Semiconductor Group BAR66 Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BAR66
Semiconductor Group
2
Edition A01, 05.05.94
Characteristics per Diode
at
TA = 25
°C, unless otherwise specified.
Parameter
Symbol
Value
Unit
min.
typ.
max.
Reverse current
IR = 5
µA
VR
150
-
-
V
Forward voltage
IF = 50 mA
VF
-
0.95
1.2
V
Diode capacitance
VR = 35 V,f=1M Hz
VR = 0 V ,f=100 MHz
CT
-
-
0.4
0.35
0.6
-
pF
Forward resistance
IF = 10 mA, f = 100 MHz
rf
-
1.5
-
Charge carrier lifetime
I
F=10 mA,IR = 6 mA,IR = 3 mA
τ
L
-
0.7
-
µs
Series inductance
L
S
-2
-
nH
Dioden capacitance
CT = f (VR*)
f = 1 MHz


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
BAV99S Silicon Switching Diode Array For high-speed switching applications Connected in series Internal galvanic isolated Diodes in one package 1  2  3  4  Siemens Semiconductor Group
BAV99 Silicon Switching Diode Array For high-speed switching Connected in series 1  2  3  4  Siemens Semiconductor Group
BGX50A Silicon Switching Diode Array Bridge configuration High-speed switch diode chip 1  2  3  4  Siemens Semiconductor Group
BAS170W Silicon Schottky Diode General-purpose diodes for high-speed switching Circuit protection Voltage clamping 1  2  3  4  Siemens Semiconductor Group
BAV99W Silicon Switching Diode Array Connected in series For high speed switching applications 1  2  3  4  Siemens Semiconductor Group
BAS40 HiRel Silicon Schottky Diode HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching Circuit protection 1  2  3  4  Siemens Semiconductor Group
BAW100 Silicon Switching Diode Array For high-speed switching Electrically insulated diodes 1  2  3  4  Siemens Semiconductor Group
SP0504BACT Silicon Protection Circuits - TVS Avalanche Diode Array in a Unipolar Chip Scale Package 1  2  3  Littelfuse
BAS40W Silicon Schottky Diode General-purpose diodes for high-speed switching Circuit protection Voltage clamping 1  2  3  4  Siemens Semiconductor Group
BAS16S Silicon Switching Diode Array For high-speed switching applications Internal galvanic isolated Diodes in one package 1  2  3  4  Siemens Semiconductor Group

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn