Moteur de recherche de fiches techniques de composants électroniques |
|
BA592 Fiches technique(PDF) 1 Page - Siemens Semiconductor Group |
|
BA592 Fiches technique(HTML) 1 Page - Siemens Semiconductor Group |
1 / 2 page Semiconductor Group 1 BA 592 Silicon RF Switching Diode BA 592 Preliminary Data q For VHF band switching in TV/VTR tuners q Low forward resistance, small capacitance, small inductance Maximum Ratings Type Ordering Code (tape and reel) Marking Package Pin Configuration BA 592 Q62702-A950 blue S SOD-323 Parameter Symbol Values Unit Reverse voltage VR 35 V Forward current IF 100 mA Operating temperature range Top – 55 … + 125 ˚C Storage temperature range Tstg – 55 … + 150 Thermal Resistance Junction - ambient Rth JA ≤ 450 K/W 10.94 |
Numéro de pièce similaire - BA592 |
|
Description similaire - BA592 |