Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SB007-03C Datasheet(Fiches technique) 1 Page - Sanyo Semicon Device

Numéro de pièce SB007-03C
Description  30V, 70mA Rectifier
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB007-03C Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SB007-03C Datasheet HTML 1Page - Sanyo Semicon Device SB007-03C Datenblatt HTML 2Page - Sanyo Semicon Device SB007-03C Datenblatt HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SB007-03C
No. A0405-1/3
Applications
?
High frequency rectification (switching regulators, converters, choppers).
Features
?
Low forward voltage (VF max=0.55V).
?
Fast reverse recorvery time (trr max=10ns).
?
Low switching noise.
?
Low leakage current and high reliability due to highly reliable planar structure.
Specifications
Absolute Maximum Ratings at Ta=25C
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
30
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
35
V
Average Output Current
IO
70
mA
Surge Forward Current
IFSM
50Hz sine wave, 1 cycle
2
A
Junction Temperature
Tj
--55 to +125
C
Storage Temperature
Tstg
--55 to +125
C
Marking : G
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENA0405A
13107 TI IM TC-00000490 / 71206 / 42506SB MS IM TA-100466
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before using any SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.
SANYO Semiconductors
DATA SHEET
SB007-03C
Schottky Barrier Diode
30V, 70mA Rectifier


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn