Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LV8104V Fiches technique(PDF) 11 Page - Sanyo Semicon Device

No de pièce LV8104V
Description  For Variable Speed Control Three-Phase Brushless Motor Predriver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8104V Fiches technique(HTML) 11 Page - Sanyo Semicon Device

Back Button LV8104V Datasheet HTML 7Page - Sanyo Semicon Device LV8104V Datasheet HTML 8Page - Sanyo Semicon Device LV8104V Datasheet HTML 9Page - Sanyo Semicon Device LV8104V Datasheet HTML 10Page - Sanyo Semicon Device LV8104V Datasheet HTML 11Page - Sanyo Semicon Device LV8104V Datasheet HTML 12Page - Sanyo Semicon Device LV8104V Datasheet HTML 13Page - Sanyo Semicon Device LV8104V Datasheet HTML 14Page - Sanyo Semicon Device LV8104V Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
LV8104V
Continued from preceding page.
Pin No.
Pin name
Pin function
Equivalent circuit
7
CSD
Pin to set the operating time of the constraint
protection.
Connect a capacitor between this pin and GND.
This pin combines also functions as the logic circuit
block initial reset pin.
7
VREG
Reset circuit
8
INTOUT
Integrating amplifier output pin.
VREG
8
9
INTIN
Integrating amplifier inverting input pin.
10
INTREF
Integrating amplifier non-inverting input pin.
1/2 VREG potential.
Connect a capacitor between this pin and GND.
VREG
9
INTOUT
10
11
DOUT
Speed discriminator output pin.
Acceleration → high, deceleration → low.
VREG
11
12
POUT
Speed control PLL output pin.
Outputs the phase comparison result for CLK and
FG.
VREG
12
Continued on next page.
No.A1677-11/19


Numéro de pièce similaire - LV8104V

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LV8104V ONSEMI-LV8104V Datasheet
303Kb / 19P
   Three-Phase Brushless Motor Predriver
May, 2013
More results

Description similaire - LV8104V

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LV8105W SANYO-LV8105W Datasheet
202Kb / 21P
   Bi-CMOS IC For Variable Speed Control Three-Phase Brushless Motor Predriver
logo
ON Semiconductor
LV8104V ONSEMI-LV8104V Datasheet
303Kb / 19P
   Three-Phase Brushless Motor Predriver
May, 2013
logo
Rohm
BD63001AMUV ROHM-BD63001AMUV Datasheet
2Mb / 26P
   Three-Phase Brushless Motor Predriver
logo
ON Semiconductor
LV8105W ONSEMI-LV8105W Datasheet
171Kb / 21P
   Three-Phase Brushless Motor Predriver
July, 2013
logo
Sanyo Semicon Device
LB1822 SANYO-LB1822 Datasheet
112Kb / 5P
   3-phase Brushless Motor Predriver with Digital Speed Control
logo
Rohm
BD16805FV-M ROHM-BD16805FV-M Datasheet
1Mb / 20P
   Three Phase Motor Predriver
logo
STMicroelectronics
L8150 STMICROELECTRONICS-L8150 Datasheet
732Kb / 37P
   Brushless motor predriver
logo
Toshiba Semiconductor
TC78B009FTG TOSHIBA-TC78B009FTG Datasheet
1Mb / 62P
   Sensorless PWM predriver for 3-phase brushless motor
2022-06-27 Rev.5.0
logo
Texas Instruments
TMP814 TI1-TMP814_15 Datasheet
982Kb / 21P
[Old version datasheet]   Variable Speed Single-phase Full-wave Fan Motor Predriver
TMP815 TI1-TMP815_15 Datasheet
3Mb / 20P
[Old version datasheet]   Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com