Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC863520C Fiches technique(PDF) 11 Page - Sanyo Semicon Device

No de pièce LC863520C
Description  8-bit 1-chip Microcontroller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863520C Fiches technique(HTML) 11 Page - Sanyo Semicon Device

Back Button LC863520C Datasheet HTML 7Page - Sanyo Semicon Device LC863520C Datasheet HTML 8Page - Sanyo Semicon Device LC863520C Datasheet HTML 9Page - Sanyo Semicon Device LC863520C Datasheet HTML 10Page - Sanyo Semicon Device LC863520C Datasheet HTML 11Page - Sanyo Semicon Device LC863520C Datasheet HTML 12Page - Sanyo Semicon Device LC863520C Datasheet HTML 13Page - Sanyo Semicon Device LC863520C Datasheet HTML 14Page - Sanyo Semicon Device LC863520C Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
LC863548C/40C/32C/28C/24C/20C/16C
No.A0118-11/17
IIC Input/Output Conditions / Ta = -10°C to +70°C, VSS = 0V
Standard
High speed
Parameter
Symbol
min
max
min
max
unit
SCL Frequency
fSCL
0
100
0
400
kHz
BUS free time between stop to start
tBUF
4.7
-
1.3
-
µs
HOLD time of start, restart condition
tHD ; STA
4.0
-
0.6
-
µs
L time of SCL
tLOW
4.7
-
1.3
-
µs
H time of SCL
tHIGH
4.0
-
0.6
-
µs
Set-up time of restart condition
tSU ; STA
4.7
-
0.6
-
µs
HOLD time of SDA
tHD ; DAT
0
-
0
0.9
µs
Set-up time of SDA
tSU ; DAT
250
-
100
-
ns
Rising time of SDA, SCL
tR
-
1000
20 + 0.1Cb
300
ns
Falling time of SDA, SCL
tF
-
300
20 + 0.1Cb
300
ns
Set-up time of stop condition
tSU ; STO
4.0
-
0.6
-
µs
Refer to figure 7
Note : Cb : Total capacitance of all BUS (unit : pF)
Pulse Input Conditions / Ta = -10°C to +70°C, VSS = 0V
Limits
Parameter
Symbol
Pins
Conditions
VDD[V]
min
typ
max
unit
tPIH(1)
tPIL(1)
•INT0, INT1
•INT2/T0IN
• Interrupt acceptable
• Timer 0-countable
4.5 to 5.5
1
tPIH(2)
tPIL(2)
INT3/T0IN
(1 tCYC is selected for
noise rejection clock.)
• Interrupt acceptable
• Timer 0-countable
4.5 to 5.5
2
tPIH(3)
tPIL(3)
INT3/T0IN
(16 tCYC is selected for
noise rejection clock.)
• Interrupt acceptable
• Timer 0-countable
4.5 to 5.5
32
tPIH(4)
tPIL(4)
INT3/T0IN
(64 tCYC is selected for
noise rejection clock.)
• Interrupt acceptable
• Timer 0-countable
4.5 to 5.5
128
tCYC
tPIL(5)
RES
Reset acceptable
4.5 to 5.5
200
High/low level pulse
width
tPIH(6)
tPIL(6)
HS, VS
• Display position
controllable (Note)
• The active edge of HS
and VS must be apart
at least 1 tCYC.
• Refer to figure 4.
4.5 to 5.5
3
µs
Rising/falling time
tTHL
tTLH
HS
Refer to figure 4.
4.5 to 5.5
500
ns
AD Converter Characteristics / Ta = -10°C to +70°C, VSS = 0V
Limits
Parameter
Symbol
Pins
Conditions
VDD [V]
min
typ
max
unit
Resolution
N
6
bit
Absolute precision
ET
(Note)
±1
LSB
Conversion time
tCAD
Vref selection
to conversion
finish
1-bit conversion time = 2 × tCYC
1.69
µs
Analog input
voltage range
VAIN
VSS
VDD
V
IAINH
VAIN = VDD
1
Analog port
input current
IAINL
AN4 to AN7
VAIN = VSS
4.5 to 5.5
-1
µA
Note : Absolute precision does not include quantizing error (1/2LSB).


Numéro de pièce similaire - LC863520C

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC863520 SANYO-LC863520 Datasheet
612Kb / 22P
   LC86F3548A
LC863520A SANYO-LC863520A Datasheet
640Kb / 19P
   8-Bit Single-Chip Microcontroller
LC863520B SANYO-LC863520B Datasheet
527Kb / 17P
   8-bit 1-chip Microcontroller
More results

Description similaire - LC863520C

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com