Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC823410-10R Fiches technique(PDF) 11 Page - Sanyo Semicon Device

No de pièce LC823410-10R
Description  Ultra-Low Power Consumption 7.0mW Large-Scale System LSI, GokLow, for IC Recorders
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC823410-10R Fiches technique(HTML) 11 Page - Sanyo Semicon Device

Back Button LC823410-10R Datasheet HTML 7Page - Sanyo Semicon Device LC823410-10R Datasheet HTML 8Page - Sanyo Semicon Device LC823410-10R Datasheet HTML 9Page - Sanyo Semicon Device LC823410-10R Datasheet HTML 10Page - Sanyo Semicon Device LC823410-10R Datasheet HTML 11Page - Sanyo Semicon Device LC823410-10R Datasheet HTML 12Page - Sanyo Semicon Device LC823410-10R Datasheet HTML 13Page - Sanyo Semicon Device LC823410-10R Datasheet HTML 14Page - Sanyo Semicon Device LC823410-10R Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
LC823410-10R
No.A1696-11/23
Continued from preceding page.
No.
I/O
Characteristic
Function
41
FD2
B
3ICD/3T2
NAND FLASH data bit2
42
FD3
B
3ICD/3T2
NAND FLASH data bit3
43
FD4
B
3ICD/3T2
NAND FLASH data bit4
44
FD5
B
3ICD/3T2
NAND FLASH data bit5
45
FD6
B
3ICD/3T2
NAND FLASH data bit6
46
FD7
B
3ICD/3T4
NAND FLASH data bit7
47
EXTINT0(P21)
B
3ISU/3T2
External interrupt bit0/GPIO
48
EXTINT1(P22)
B
3ISU/3T2
External interrupt bit1/GPIO
49
EXTINT2(P23)
B
3ISU/3T2
External interrupt bit2/GPIO
50
EXTINT3(P24)
B
3ISU/3T2
External interrupt bit3/GPIO
51
EXTINT4(P25)
B
3ISU/3T2
External interrupt bit4/GPIO
52
VDD1
P
Digital 1.5V power supply
53
VDD2
P
Digital 3.3V power supply
54
VSS
P
Digital ground
55
DOUT
O
3O2
PCM output data
56
DIN
I
3ICD
PCM input data
57
BCK
B
3IC/3T2
PCM bit clock
58
LRLK(P12)
B
3ICU/3T2
PCM LR clock/GPIO
59
MCLK(P13)
B
3ICU/3T2
PCM main clock/GPIO
60
SCL(P28)
B
3ICU/3T2
I
2C SCL clock/GPIO
61
SDA(P29)
B
3ICU/3T2
I
2C SDA data/GPIO
62
TXD2(P2C)
B
3ICU/3T2
UART2 transmit data/GPIO
63
RXD2(P2D)
B
3ICU/3T2
UART2 receive data/GPIO
64
TEST1
I
3IS
Test pin (normally tied to Low)
65
TEST2
I
3IS
Test pin (normally tied to Low)
66
VDD1
P
Digital 1.5V power supply
67
SDWP
I
3IC
SD card write protect
68
SDCD/INS
I
3ICU
SD card detect/MSINS
69
SDCMD/BS
B
3ICU/3T6
SD card command/MSBS
70
SDCLK/SCLK
O
3O6
SD card clock/MS clock
71
SDAT0/DATA0
B
3ICUD/3T6
SD card data/MS data
72
VSS
P
Digital ground
73
VDD3
P
Digital 3.3V/1.8V power supply
74
SDAT1/DATA1
B
3ICUD/3T6
SD card data/MS data
75
SDAT2/DATA2
B
3ICUD/3T6
SD card data/MS data
76
SDAT3/DATA3
B
3ICUD/3T6
SD card data/MS data
77
AVDDPLL1
P
PLL1 analog power supply
78
AVSSPLL1
P
PLL1 analog ground
79
VCNT1
O
1A
PLL1 VCO control
80
VDDXT
P
System /USB PHY oscillation amplifier 1.5V power supply
81
VSSXT
P
System /USB PHY oscillation amplifier ground
82
XIN1
I
X
System /USB PHY oscillation amplifier input
83
XOUT1
B
X
System /USB PHY oscillation amplifier output
84
VDDRTC
P
RTC power supply
85
VSSRTC
P
RTC ground
86
XOUT32K
O
X
RTC 32.768kHz oscillation amplifier output
87
XIN32K
I
X
RTC 32.768kHz oscillation amplifier input
88
VDET
I
1IC
Voltage detect input
89
RTCINT
O
1T3
RTC interrupt output
90
BACKUPB
I
1IC
RTC mode (RTC only or whole IC)
91
AVDDPHY1
P
USB PHY 1.5V power supply
92
AVSSPHY1
P
USB PHY analog ground
Continued on next page.


Numéro de pièce similaire - LC823410-10R

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LC823425 ONSEMI-LC823425 Datasheet
388Kb / 29P
   Low Power Consumption 1 chip Audio LSI for Portable Sound Solution
LC823425-12G1-H ONSEMI-LC823425-12G1-H Datasheet
388Kb / 29P
   Low Power Consumption 1 chip Audio LSI for Portable Sound Solution
LC823425-13W1-E ONSEMI-LC823425-13W1-E Datasheet
388Kb / 29P
   Low Power Consumption 1 chip Audio LSI for Portable Sound Solution
LC823430TA ONSEMI-LC823430TA Datasheet
199Kb / 20P
   Audio Processing System LSI
January, 2014
LC823430TA-2H ONSEMI-LC823430TA-2H Datasheet
199Kb / 20P
   Audio Processing System LSI
January, 2014
More results

Description similaire - LC823410-10R

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
MN6168 PANASONIC-MN6168 Datasheet
224Kb / 7P
   Digital Servo LSI for Video Tape Recorders
logo
ATMEL Corporation
SAM4L ATMEL-SAM4L_14 Datasheet
2Mb / 176P
   Technology for Ultra-low Power Consumption
logo
Taoglas antenna solutio...
AP.10G.01 TAOGLAS-AP.10G.01 Datasheet
724Kb / 12P
   Ultra low power consumption
logo
List of Unclassifed Man...
N20M-BM ETC2-N20M-BM Datasheet
305Kb / 1P
   Ultra low power consumption
logo
Laird Tech Smart Techno...
LT1110 LSTD-LT1110 Datasheet
922Kb / 2P
   Ultra-low power consumption
logo
Taoglas antenna solutio...
AP.10E.07.0039B TAOGLAS-AP.10E.07.0039B Datasheet
401Kb / 13P
   Ultra low power consumption
logo
Torex Semiconductor
XC3202B TOREX-XC3202B_15 Datasheet
202Kb / 9P
   Low Power Consumption Hall IC
XC3202B-12 TOREX-XC3202B-12 Datasheet
202Kb / 9P
   Low Power Consumption Hall IC
logo
ON Semiconductor
LC823425 ONSEMI-LC823425 Datasheet
388Kb / 29P
   Low Power Consumption 1 chip Audio LSI for Portable Sound Solution
logo
Renesas Technology Corp
RL78-G1G RENESAS-RL78-G1G Datasheet
837Kb / 70P
   Ultra-low power consumption technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com