Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC72133M Fiches technique(PDF) 6 Page - Sanyo Semicon Device

No de pièce LC72133M
Description  PLL Frequency Synthesizer for Electronic Tuning
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72133M Fiches technique(HTML) 6 Page - Sanyo Semicon Device

Back Button LC72133M Datasheet HTML 2Page - Sanyo Semicon Device LC72133M Datasheet HTML 3Page - Sanyo Semicon Device LC72133M Datasheet HTML 4Page - Sanyo Semicon Device LC72133M Datasheet HTML 5Page - Sanyo Semicon Device LC72133M Datasheet HTML 6Page - Sanyo Semicon Device LC72133M Datasheet HTML 7Page - Sanyo Semicon Device LC72133M Datasheet HTML 8Page - Sanyo Semicon Device LC72133M Datasheet HTML 9Page - Sanyo Semicon Device LC72133M Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Pin Functions
No. 5427-6/23
LC72133M, 72133V
Symbol
Pin No.
Type
Functions
Circuit configuration
XIN
XOUT
FMIN
AMIN
CE
CL
DI
DO
VDD
1
20
14
13
2
4
3
5
15
Xtal OSC
Local oscillator
signal input
Local oscillator
signal input
Chip enable
Clock
Data input
Data output
Power supply
• Crystal resonator connection
(4.5/7.2 MHz)
• FMIN is selected when the serial data input DVS bit is
set to 1.
• The input frequency range is from 10 to 130 MHz.
• The input signal passes through the internal divide-by-
two prescaler and is input to the swallow counter.
• The divisor can be in the range 272 to 65535. However,
since the signal has passed through the divide-by-two
prescaler, the actual divisor is twice the set value.
• AMIN is selected when the serial data input DVS bit is
set to 0.
• When the serial data input SNS bit is set to 1:
— The input frequency range is 2 to 40 MHz.
— The signal is directly input to the swallow counter.
— The divisor can be in the range 272 to 65535, and
the divisor used will be the value set.
• When the serial data input SNS bit is set to 0:
— The input frequency range is 0.5 to 10 MHz.
— The signal is directly input to a 12-bit programmable
divider.
— The divisor can be in the range 4 to 4095, and the
divisor used will be the value set.
Set this pin high when inputting (DI) or outputting (DO)
serial data.
• Used as the synchronization clock when inputting (DI) or
outputting (DO) serial data.
• Inputs serial data transferred from the controller to the
LC72133.
• Outputs serial data transferred from the LC72133 to the
controller.
The content of the output data is determined by the
serial data DOC0 to DOC2.
• The LC72133 power supply pin (VDD = 2.7 to 3.6 V)
• The power on reset circuit operates when power is first
applied.
Continued on next page.
Operating
FMIN input frequency
conditions
10 to 90 MHz
10 to 120 MHz 10 to 130 MHz
Operating power-
2.7 to 3.6 V
2.7 to 3.6 V
3.0 to 3.6 V
supply voltage
Operating input
70 to 900
100 to 900
70 to 900
levels
mVrms
mVrms
mVrms
A11905
A11906
A11907
A11908
S
A11910
S
A11910
S
A11911


Numéro de pièce similaire - LC72133M

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC72133M SANYO-LC72133M Datasheet
302Kb / 22P
   PLL Frequency Synthesizer for Electronic Tuning?
More results

Description similaire - LC72133M

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
   PLL Frequency Synthesizer for Electronic Tuning
LC72136 SANYO-LC72136 Datasheet
370Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M Datasheet
302Kb / 22P
   PLL Frequency Synthesizer for Electronic Tuning?
LC7216M SANYO-LC7216M Datasheet
382Kb / 18P
   PLL Frequency Synthesizer for Electronic Tuning?
LC72137 SANYO-LC72137 Datasheet
351Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72135M SANYO-LC72135M Datasheet
469Kb / 24P
   PLL Frequency Synthesizer for Electronic Tuning?
LC72136N SANYO-LC72136N Datasheet
319Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LM7000 SANYO-LM7000 Datasheet
178Kb / 7P
   Direct PLL Frequency Synthesizer for Electronic Tuning
LC72122V SANYO-LC72122V Datasheet
346Kb / 22P
   PLL Frequency Synthesizer for Portable Equipment Electronic Tuning
LC7218 SANYO-LC7218 Datasheet
265Kb / 16P
   PLL Frequency Synthesizer for Electronic Tuning in AV Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com