Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC72121 Fiches technique(PDF) 7 Page - Sanyo Semicon Device

No de pièce LC72121
Description  PLL Frequency Synthesizers for Electronic Tuning
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72121 Fiches technique(HTML) 7 Page - Sanyo Semicon Device

Back Button LC72121 Datasheet HTML 3Page - Sanyo Semicon Device LC72121 Datasheet HTML 4Page - Sanyo Semicon Device LC72121 Datasheet HTML 5Page - Sanyo Semicon Device LC72121 Datasheet HTML 6Page - Sanyo Semicon Device LC72121 Datasheet HTML 7Page - Sanyo Semicon Device LC72121 Datasheet HTML 8Page - Sanyo Semicon Device LC72121 Datasheet HTML 9Page - Sanyo Semicon Device LC72121 Datasheet HTML 10Page - Sanyo Semicon Device LC72121 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Procedures for Input and Output of Serial Data
This product uses the CCB (Computer Control Bus), which is Sanyo’s audio product serial bus format, for data input and
output. This product adopts an 8-bit address CCB format.
No. 5815-7/23
LC72121, 72121M, 72121V
I/O mode
Address
Function
B0
B1
B2
B3
A0
A1
A2
A3
• Control data input (serial data input) mode
1
IN1 (82)
0
0
0
1
0
1
0
0
• 24 bits of data are input.
• See the “DI Control Data (serial data input)” section for details on the
content of the input data.
• Control data input (serial data input) mode
2
IN2 (92)
1
0
0
1
0
1
0
0
• 24 bits of data are input.
• See the “DI Control Data (serial data input)” section for details on the
content of the input data.
• Data output (serial data output) mode
3
OUT (A2)
0
1
0
1
0
1
0
0
• The number of bits output is equal to the number of clock cycles.
• See the “DO output Data (serial data output)” section for details on the
content of the output data.
Normally high
Normally low
I/O mode determined


Numéro de pièce similaire - LC72121

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC72121 SANYO-LC72121 Datasheet
379Kb / 22P
   PLL Frequency Synthesizers for Electronic Tuning
LC72121M SANYO-LC72121M Datasheet
379Kb / 22P
   PLL Frequency Synthesizers for Electronic Tuning
LC72121MA SANYO-LC72121MA Datasheet
250Kb / 24P
   CMOS IC PLL Frequency Synthesizers for Electronic Tuning
LC72121V SANYO-LC72121V Datasheet
379Kb / 22P
   PLL Frequency Synthesizers for Electronic Tuning
More results

Description similaire - LC72121

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC72121 SANYO-LC72121 Datasheet
379Kb / 22P
   PLL Frequency Synthesizers for Electronic Tuning
LM7001J SANYO-LM7001J Datasheet
91Kb / 8P
   Direct PLL Frequency Synthesizers for Electronic Tuning
LC72121MA SANYO-LC72121MA Datasheet
250Kb / 24P
   CMOS IC PLL Frequency Synthesizers for Electronic Tuning
logo
NXP Semiconductors
TSA6057 PHILIPS-TSA6057 Datasheet
650Kb / 14P
   Radio tuning PLL frequency synthesizers
1997 Oct 29
logo
Sanyo Semicon Device
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M_11 Datasheet
264Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M Datasheet
302Kb / 22P
   PLL Frequency Synthesizer for Electronic Tuning?
LC7216M SANYO-LC7216M Datasheet
382Kb / 18P
   PLL Frequency Synthesizer for Electronic Tuning?
LC72136 SANYO-LC72136 Datasheet
370Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72137 SANYO-LC72137 Datasheet
351Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com