Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC877C56C Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce LC877C56C
Description  8-bit 1-chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC877C56C Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  LC877C56C Datasheet HTML 1Page - Sanyo Semicon Device LC877C56C Datasheet HTML 2Page - Sanyo Semicon Device LC877C56C Datasheet HTML 3Page - Sanyo Semicon Device LC877C56C Datasheet HTML 4Page - Sanyo Semicon Device LC877C56C Datasheet HTML 5Page - Sanyo Semicon Device LC877C56C Datasheet HTML 6Page - Sanyo Semicon Device LC877C56C Datasheet HTML 7Page - Sanyo Semicon Device LC877C56C Datasheet HTML 8Page - Sanyo Semicon Device LC877C56C Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
83006HKIM B8-9266 No.A0135-1/21
Ver.1.42
LC877C64C,LC877C56C
LC877C48C,LC877C40C
LC877C32C,LC877C24C
Overview
The LC877C00 series are an 8-bit single chip microcontroller with the following on-chip functional blocks. :
• CPU: operable at a minimum bus cycle time of 83.3ns
• On-chip 64K-24K bytes ROM
• On-chip RAM: 2048/1536 bytes
• LCD controller / driver
• 16 bit timer/counters (can be divided into 8-bit units)
• 16 bit timer / PWM (can be divided into two 8-bit timers)
• Four 8-bit timer with prescalers
• Timer for use as date / time clock
• Synchronous serial I/O port (with automatic block transmit / receive function)
• Asynchronous / synchronous serial I/O port
• 2 channel 12bit PWM
• 12-channel × 8-bit AD converter
• High-speed clock counter
• System clock divider
• Small signal detector
• 20 source 10-vectored interrupt system
All of the above functions are fabricated on a single chip.
Features
ROM
• 65536 × 8 bits (LC877C64C)
• 57344 × 8 bits (LC877C56C)
• 49152 × 8 bits (LC877C48C)
• 40960 × 8 bits (LC877C40C)
• 32768 × 8 bits (LC877C32C)
• 24576 × 8 bits (LC877C24C)
Ordering number : ENA0135
CMOS IC
Internal 64K/56K/48K/40K/32K/24K-byte ROM
and 2048/1536-byte RAM
8-bit 1-chip Microcontroller
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before usingany SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.


Numéro de pièce similaire - LC877C56C

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC877248A SANYO-LC877248A Datasheet
707Kb / 24P
   8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
LC877256A SANYO-LC877256A Datasheet
707Kb / 24P
   8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
LC877264A SANYO-LC877264A Datasheet
707Kb / 24P
   8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
LC8772C8B SANYO-LC8772C8B Datasheet
765Kb / 24P
   8-Bit Single Chip Microcontroller with 128KB Flash Momory and 2048-Byte RAM On Chip?
LC877424A SANYO-LC877424A Datasheet
342Kb / 22P
   8 Bit Single Chip Microcontroller Incorporating 48K/40K/32K/24K Byte ROM and 1536 byte RAM on Chip
More results

Description similaire - LC877C56C

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com