Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC863G32A Fiches technique(PDF) 6 Page - Sanyo Semicon Device

No de pièce LC863G32A
Description  CGROM16K-byte on-chip 768-byte RAM and 352횞9 bit OSD RAM 8-bit 1-chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863G32A Fiches technique(HTML) 6 Page - Sanyo Semicon Device

Back Button LC863G32A Datasheet HTML 2Page - Sanyo Semicon Device LC863G32A Datasheet HTML 3Page - Sanyo Semicon Device LC863G32A Datasheet HTML 4Page - Sanyo Semicon Device LC863G32A Datasheet HTML 5Page - Sanyo Semicon Device LC863G32A Datasheet HTML 6Page - Sanyo Semicon Device LC863G32A Datasheet HTML 7Page - Sanyo Semicon Device LC863G32A Datasheet HTML 8Page - Sanyo Semicon Device LC863G32A Datasheet HTML 9Page - Sanyo Semicon Device LC863G32A Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
LC863G64A/56A/48A/40A/32A/28A/24A
No.A0548-6/21
Pin Assignments
SANYO: DIP42S(600mil) “Lead-free Type”
SANYO: QIP48E(14
×14) “Lead-free Type”
Top view
P10/SO0
P11/SI0
P12/SCK0
P13/PWM1
P14/PWM2/TX
P15/PWM3/RX
P16/OSDCK
P17/PWM
VSS
XT1
XT2
VDD
P84/AN4
P85/AN5
P86/AN6
P87/AN7
RES
FILT
CVIN
VS
HS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
P07
P06
P05
P04
P03
P02
P01
P00
P73/INT3/T0IN
P72/INT2/T0IN
P71/INT1
P70/INT0
P63/SCLK1
P62/SDA1
P61/SCLK0
P60/SDA0
I
BL
B
G
R
LC863G64A
LC863G56A
LC863G48A
LC863G40A
LC863G32A
LC863G28A
LC863G24A
P02
P01
P00
NC
P73/INT3/T0IN
P72/INT2/T0IN
P71/INT1
P70/INT0
P63/SCLK1
P62/SDA1
P61/SCLK0
P60/SDA0
P15/PWM3/RX
P16/OSDCK
P17/PWM
VSS
XT1
XT2
VDD
NC
P84/AN4
P85/AN5
P86/AN6
P87/AN7
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
Top view
LC863G64A
LC863G56A
LC863G48A
LC863G40A
LC863G32A
LC863G28A
LC863G24A


Numéro de pièce similaire - LC863G32A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC863096 SANYO-LC863096 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863216A SANYO-LC863216A Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863216C SANYO-LC863216C Datasheet
502Kb / 21P
   8-bit 1-chip Microcontroller
LC863220 SANYO-LC863220 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863220A SANYO-LC863220A Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
More results

Description similaire - LC863G32A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC87F2924B SANYO-LC87F2924B_09 Datasheet
173Kb / 28P
   FROM 26K byte, RAM 768 byte on-chip 8-bit 1-chip Microcontroller
LC87F2924B SANYO-LC87F2924B Datasheet
195Kb / 28P
   CMOS IC FROM 26K byte, RAM 768 byte on-chip 8-bit 1-chip Microcontroller
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2C SANYO-LC87F7DJ2C Datasheet
214Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F5G32A SANYO-LC87F5G32A Datasheet
153Kb / 23P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5864B SANYO-LC87F5864B Datasheet
159Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2B SANYO-LC87F7DJ2B_10 Datasheet
172Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A_09 Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com