Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC87F6D64A Fiches technique(PDF) 11 Page - Sanyo Semicon Device

No de pièce LC87F6D64A
Description  FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F6D64A Fiches technique(HTML) 11 Page - Sanyo Semicon Device

Back Button LC87F6D64A Datasheet HTML 7Page - Sanyo Semicon Device LC87F6D64A Datasheet HTML 8Page - Sanyo Semicon Device LC87F6D64A Datasheet HTML 9Page - Sanyo Semicon Device LC87F6D64A Datasheet HTML 10Page - Sanyo Semicon Device LC87F6D64A Datasheet HTML 11Page - Sanyo Semicon Device LC87F6D64A Datasheet HTML 12Page - Sanyo Semicon Device LC87F6D64A Datasheet HTML 13Page - Sanyo Semicon Device LC87F6D64A Datasheet HTML 14Page - Sanyo Semicon Device LC87F6D64A Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
LC87F6D64A
No.A1007-11/19
Electrical Characteristics at Ta = -40°C to +85°C, VSS1 = 0V
Specification
Parameter
Symbol
Pin/Remarks
Conditions
VDD[V]
min
typ
max
unit
IIH(1)
Ports 0, 1, 7
• Output disable
• Pull-up resister OFF.
• VIN=VDD
(including OFF state leak current
of the output Tr.)
2.5 to 5.5
1
IIH(2)
RES
VIN=VDD
2.5 to 5.5
1
Input high current
IIH(3)
CF1/XT1
VIN=VDD
2.5 to 5.5
1
IIL(1)
Ports 0, 1, 7
• Output disable
• Pull-up resister OFF.
• VIN=VSS
(including OFF state leak current
of the output Tr.)
2.5 to 5.5
-1
IIL(2)
RES
VIN=VSS
2.5 to 5.5
-1
Input low current
IIL(3)
CF1/XT1
VIN=VSS
2.5 to 5.5
-1
μA
VOH(1)
IOH=-1.0mA
4.5 to 5.5
VDD-1
VOH(2)
IOH=-0.5mA
3.0 to 5.5
VDD-1
VOH(3)
Port 0: CMOS
output option
Ports 1
IOH=-0.1mA
2.5 to 5.5
VDD-0.5
VOH(4)
Port 71
IOH=-0.4mA
2.5 to 5.5
VDD-1
VOH(5)
IOH=-20.0mA
4.5 to 5.5
VDD-1.8
VOH(6)
IOH=-10.0mA
3.0 to 5.5
VDD-1.8
VOH(7)
S0/T0 to S15/T15
• IOH=-1.0mA
• IOH at any single pin is
not over 1mA.
2.5 to 5.5
VDD-1
VOH(8)
IOH=-5.0mA
4.5 to 5.5
VDD-1.8
VOH(9)
IOH=-2.5mA
3.0 to 5.5
VDD-1.8
Output high
voltage
VOH(10)
S16 to S53
• IOH=-1.0mA
• IOH at any single pin is
not over 1mA.
2.5 to 5.5
VDD-1
VOL(1)
IOL=10mA
4.5 to 5.5
1.5
VOL(2)
IOL=5mA
3.0 to 5.5
1.5
VOL(3)
Ports 0, 1
IOL=1.6mA
2.5 to 5.5
0.4
Output low
voltage
VOL(4)
Port 7
IOL=1mA
2.5 to 5.5
0.4
V
4.5 to 5.5
15
40
70
Pull-up resistor
Rpu
Ports 0, 1, 7
VOH=0.9VDD
2.5 to 4.5
25
70
150
k
Ω
IOFF(1)
• Output P-ch Tr. OFF
• VOUT=VSS
2.5 to 5.5
-1
Output off-leak
current
IOFF(2)
S0/T0 to S15/T15,
S16 to S53
• Output P-ch Tr. OFF
• VOUT=VDD-40V
2.5 to 5.5
-30
μA
Pull-down resistor
Rpd
• S0/T0 to S15/T15
• S16 to S53
• Output P-ch Tr. OFF
• VOUT=3V
• Vp=-30V
5.0
60
100
200
k
Ω
Hysteresis
voltage
VHYS(1)
• Ports 0, 1, 7
• RES
2.5 to 5.5
0.1VDD
V
Pin capacitance
CP
All pins
• f=1MHz
• All other terminals connected
to VSS.
• Ta=25°C
2.5 to 5.5
10
pF


Numéro de pièce similaire - LC87F6D64A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC87F66C8A SANYO-LC87F66C8A Datasheet
768Kb / 23P
   8-Bit Single Chip Microcontroller with 64 KB FEPROM and 2048-Byte RAM On Chip?
LC87F67C8A SANYO-LC87F67C8A Datasheet
553Kb / 26P
   CMOS LSI FROM 128KBITE RAM 4096 BYTE
LC87F69C8A SANYO-LC87F69C8A Datasheet
393Kb / 28P
   8 BIT 1 CHIP MICROCONTROLLER
logo
ON Semiconductor
LC87F6AC8ALU-EJ-H ONSEMI-LC87F6AC8ALU-EJ-H Datasheet
408Kb / 34P
   null8-bit Withstand Voltage Microcontroller
April, 2014 Ver. 1.70a
More results

Description similaire - LC87F6D64A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC87F5864B SANYO-LC87F5864B Datasheet
159Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5864C SANYO-LC87F5864C Datasheet
158Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC875J64C SANYO-LC875J64C Datasheet
148Kb / 23P
   ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5N62B SANYO-LC87F5N62B Datasheet
176Kb / 25P
   CMOS IC FROM 66K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F2932A SANYO-LC87F2932A Datasheet
203Kb / 29P
   CMOS IC FROM 32K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5M64A SANYO-LC87F5M64A Datasheet
171Kb / 22P
   CMOS IC FROM FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller with Full-Speed USB
LC87F7H32A SANYO-LC87F7H32A Datasheet
180Kb / 28P
   32K-byte FROM and 2048-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F7932B SANYO-LC87F7932B Datasheet
196Kb / 29P
   32K-byte FROM and 2048-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com