Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC87F5JC8A Fiches technique(PDF) 9 Page - Sanyo Semicon Device

No de pièce LC87F5JC8A
Description  FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F5JC8A Fiches technique(HTML) 9 Page - Sanyo Semicon Device

Back Button LC87F5JC8A Datasheet HTML 5Page - Sanyo Semicon Device LC87F5JC8A Datasheet HTML 6Page - Sanyo Semicon Device LC87F5JC8A Datasheet HTML 7Page - Sanyo Semicon Device LC87F5JC8A Datasheet HTML 8Page - Sanyo Semicon Device LC87F5JC8A Datasheet HTML 9Page - Sanyo Semicon Device LC87F5JC8A Datasheet HTML 10Page - Sanyo Semicon Device LC87F5JC8A Datasheet HTML 11Page - Sanyo Semicon Device LC87F5JC8A Datasheet HTML 12Page - Sanyo Semicon Device LC87F5JC8A Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
LC87F5JC8A
No.8297-9/25
Pin Description
Pin Name
I/O
Description
Option
VSS1
VSS2
VSS3
-
-Power supply pin
No
VDD1
VDD2
VDD3
-
+Power supply pin
No
Port 0
P00 to P07
I/O
• 8-bit I/O port
• I/O specifiable in 4-bit units
• Pull-up resistors can be turned on and off in 4-bit units.
• HOLD reset input
• Port 0 interrupt input
• Shared pins
P05 : Clock output (system clock/can selected from sub clock)
P06 : Timer 6 toggle output
P07 : Timer 7 toggle output
Yes
Port 1
P10 to P17
I/O
• 8-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1-bit units.
• Pin functions
P10 : SIO0 data output
P11 : SIO0 data input/bus I/O
P12 : SIO0 clock I/O
P13 : SIO1 data output
P14 : SIO1 data input/bus I/O
P15 : SIO1 clock I/O
P16 : Timer 1PWML output
P17 : Timer 1PWMH output/beeper output
Yes
Port 2
• 8-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1-bit units.
• Pin functions
P20 : UART transmit
P21 : UART receive
P20 to P23 : INT4 input/HOLD reset input/timer 1 event input/timer 0L capture input/timer
0H capture input
P24 to P27 : INT5 input/HOLD reset input/timer 1 event input/timer 0L capture input/timer
0H capture input
P20 : INT6 input/timer 0L capture 1 input
P24 : INT7 input/timer 0H capture 1 input
Interrupt acknowledge type
Rising
Falling
Rising &
Falling
H level
L level
INT4
INT5
INT6
INT7
enable
enable
enable
enable
enable
enable
enable
enable
enable
enable
enable
enable
disable
disable
disable
disable
disable
disable
disable
disable
P20 to P27
I/O
Yes
Continued on next page.


Numéro de pièce similaire - LC87F5JC8A

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LC87F5JC8A ONSEMI-LC87F5JC8A Datasheet
173Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.05
More results

Description similaire - LC87F5JC8A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC87F7CC8A SANYO-LC87F7CC8A Datasheet
157Kb / 21P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5NC8A SANYO-LC87F5NC8A Datasheet
178Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F76C8A SANYO-LC87F76C8A Datasheet
163Kb / 24P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A_10 Datasheet
171Kb / 26P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC88F83B0A SANYO-LC88F83B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC88F58B0A SANYO-LC88F58B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC88F52H0A SANYO-LC88F52H0A Datasheet
173Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com