Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC87F1M16A Fiches technique(PDF) 10 Page - Sanyo Semicon Device

No de pièce LC87F1M16A
Description  8-bit 1-chip Microcontroller with Full-Speed USB
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F1M16A Fiches technique(HTML) 10 Page - Sanyo Semicon Device

Back Button LC87F1M16A Datasheet HTML 6Page - Sanyo Semicon Device LC87F1M16A Datasheet HTML 7Page - Sanyo Semicon Device LC87F1M16A Datasheet HTML 8Page - Sanyo Semicon Device LC87F1M16A Datasheet HTML 9Page - Sanyo Semicon Device LC87F1M16A Datasheet HTML 10Page - Sanyo Semicon Device LC87F1M16A Datasheet HTML 11Page - Sanyo Semicon Device LC87F1M16A Datasheet HTML 12Page - Sanyo Semicon Device LC87F1M16A Datasheet HTML 13Page - Sanyo Semicon Device LC87F1M16A Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LC87F1M16A
No.A1909-10/32
Pin Description
Pin Name
I/O
Description
Option
VSS1,VSS2,
VSS3
-
- Power supply
No
VDD1, VDD2
-
+ Power supply
No
VDD3
-
USB reference voltage
Yes
Port 0
P00 to P07
I/O
• 8-bit I/O ports
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1-bit units
• HOLD reset input
• Port 0 interrupt input
• Pin functions
AD converter input ports: AN0 to AN7(P00 to P07)
P00: High current Nch driver(TDN1)
P01: High current Pch driver(TDP1)
P02: High current Nch driver(TDN2)
P05: System clock output
P06: Timer 6 toggle output
P07: Timer 7 toggle output
Yes
Port 1
P10 to P17
I/O
• 8-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1-bit units
• Pin functions
P10: SIO0 data output
P11: SIO0 data input/bus I/O
P12: SIO0 clock I/O
P13: SIO1 data output
P14: SIO1 data input/bus I/O
P15: SIO1 clock I/O
P16: Timer 1 PWML output
P17: Timer 1 PWMH output/beeper output
Yes
Port 2
• 8-bit I/O ports
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1-bit units
• Pin functions
AD converter input ports: AN12 to AN19(P20 to P27)
P20 to P23: INT4 input/HOLD reset input/timer 1 event input/timer 0L capture input/
timer 0H capture input
P24 to P27: INT5 input/HOLD reset input/timer 1 event input/timer 0L capture input/
timer 0H capture input
P20: INT6 input/timer 0L capture 1 input/UART1 transmit
P21: UART1 receive
P22: SIO4 date I/O
P23: SIO4 date I/O
P24: INT7 input/timer 0H capture 1 input/SIO4 clock I/O
P27: D+ 1.5k
Ω pull-up resistor connect pin
Interrupt acknowledge types
Rising
Falling
Rising &
Falling
H level
L level
INT4
enable
enable
enable
disable
disable
INT5
enable
enable
enable
disable
disable
INT6
enable
enable
enable
disable
disable
INT7
enable
enable
enable
disable
disable
P20 to P27
I/O
Yes
Port 3
P31 to P34
I/O
• 4-bit I/O ports
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1-bit units
• Pin functions
P31: SCUART transmit
P32: SCUART receive
P34: USB interface PLL filter pin (see Fig. 5.)
Yes
Continued on next page.


Numéro de pièce similaire - LC87F1M16A

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LC87F1M16A ONSEMI-LC87F1M16A Datasheet
215Kb / 31P
   8-bit 1-chip Microcontroller
May, 2013 Ver.2.01
More results

Description similaire - LC87F1M16A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC87F1A32A SANYO-LC87F1A32A_09 Datasheet
181Kb / 26P
   8-bit 1-chip Microcontroller with Full-Speed USB
LC87F1G64A SANYO-LC87F1G64A Datasheet
191Kb / 29P
   8-bit 1-chip Microcontroller with Full-Speed USB
logo
ATMEL Corporation
AT83C5134 ATMEL-AT83C5134 Datasheet
1Mb / 171P
   8-bit Microcontroller with Full Speed USB Device
logo
NEC
UPD78F0730MC-CAB-AX NEC-UPD78F0730MC-CAB-AX Datasheet
426Kb / 2P
   8-Bit Microcontroller with Full-Speed USB 2.0
logo
Sanyo Semicon Device
LC87F1364A SANYO-LC87F1364A Datasheet
145Kb / 22P
   8-bit 1-chip Microcontroller with Low-speed USB
logo
ATMEL Corporation
AT89C5130A-M ATMEL-AT89C5130A-M_08 Datasheet
1Mb / 188P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131A-L ATMEL-AT89C5131A-L Datasheet
2Mb / 184P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131A-L ATMEL-AT89C5131A-L_07 Datasheet
1Mb / 186P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5130A-M ATMEL-AT89C5130A-M_06 Datasheet
2Mb / 186P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131 ATMEL-AT89C5131 Datasheet
2Mb / 176P
   8-bit Flash Microcontroller with Full Speed USB Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com