Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB11693JH Fiches technique(PDF) 7 Page - Sanyo Semicon Device

No de pièce LB11693JH
Description  24V Fan Motor Driver IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11693JH Fiches technique(HTML) 7 Page - Sanyo Semicon Device

Back Button LB11693JH Datasheet HTML 3Page - Sanyo Semicon Device LB11693JH Datasheet HTML 4Page - Sanyo Semicon Device LB11693JH Datasheet HTML 5Page - Sanyo Semicon Device LB11693JH Datasheet HTML 6Page - Sanyo Semicon Device LB11693JH Datasheet HTML 7Page - Sanyo Semicon Device LB11693JH Datasheet HTML 8Page - Sanyo Semicon Device LB11693JH Datasheet HTML 9Page - Sanyo Semicon Device LB11693JH Datasheet HTML 10Page - Sanyo Semicon Device LB11693JH Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LB11693JH
No.A0606-7/12
Continued from preceding page.
Pin
No.
Symbol
Pin Description
Equivalent Circuit
17
RD
Motor constrained state detection output
(This is an open-collector output.)
When the motor is constrained: high, when the motor is
turning: low.
18
PWM
IN
PWM pulse input.
When low the output will be on and when high the
outputs will be off. If this pin is used to control this IC,
connect EI- to ground and connect EI+ to TOC.
20
S/S
Start/stop control. Low: start, high or open: stop.
21
22
EI+
EI-
CTL amplifier noninverting input
CTL amplifier inverting input
23
TOC
PWM waveform comparator (CTL amplifier output)
Continued on next page.
VREG
17
VREG
5k
Ω
18
VREG
5k
Ω
20
VREG
300
Ω
22
300
Ω
21
PWM comparator
VREG
23


Numéro de pièce similaire - LB11693JH

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
logo
ON Semiconductor
LB11693JH ONSEMI-LB11693JH Datasheet
139Kb / 12P
   24V Fan Motor Driver IC
May, 2013
More results

Description similaire - LB11693JH

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LB11693JH ONSEMI-LB11693JH Datasheet
139Kb / 12P
   24V Fan Motor Driver IC
May, 2013
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
LB11692JH SANYO-LB11692JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
logo
Eutech Microelectronics...
EUM6862 EUTECH-EUM6862 Datasheet
273Kb / 2P
   24V PWM Fan Motor Driver
logo
Melexis Microelectronic...
US91A MELEXIS-US91A_14 Datasheet
561Kb / 12P
   24V Hall IC Fan Driver
US90A MELEXIS-US90A Datasheet
307Kb / 12P
   24V Hall IC Fan Driver
US90A MELEXIS-US90A_14 Datasheet
561Kb / 12P
   24V Hall IC Fan Driver
logo
Toshiba Semiconductor
TA8473F TOSHIBA-TA8473F Datasheet
426Kb / 9P
   FAN MOTOR DRIVER IC
logo
Rohm
BA6811F ROHM-BA6811F Datasheet
89Kb / 6P
   Fan motor driver IC
logo
Toshiba Semiconductor
TA8462F TOSHIBA-TA8462F Datasheet
262Kb / 6P
   FAN MOTOR DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com