Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB11693JH Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce LB11693JH
Description  24V Fan Motor Driver IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11693JH Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  LB11693JH_10 Datasheet HTML 1Page - Sanyo Semicon Device LB11693JH_10 Datasheet HTML 2Page - Sanyo Semicon Device LB11693JH_10 Datasheet HTML 3Page - Sanyo Semicon Device LB11693JH_10 Datasheet HTML 4Page - Sanyo Semicon Device LB11693JH_10 Datasheet HTML 5Page - Sanyo Semicon Device LB11693JH_10 Datasheet HTML 6Page - Sanyo Semicon Device LB11693JH_10 Datasheet HTML 7Page - Sanyo Semicon Device LB11693JH_10 Datasheet HTML 8Page - Sanyo Semicon Device LB11693JH_10 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
90110 SY 20100827-S00001 / D1306 MS IM 20060404-S00004 No.A0606-1/12
LB11693JH
Overview
The LB11693JH is a three-phase brushless motor driver IC that uses a direct PWM drive technique to achieve highly
efficient drive. It is optimal for driving fuel pump motors and other miniature motors.
Functions
• Soft phase switching + Direct PWM drive
• PWM control based on both a DC voltage input (the CTL voltage) and a pulse input
• Provides a 5V regulator output
• One Hall-effect sensor FG output
• Built-in integrating amplifier
• Automatic recovery constraint protection circuit (on/off = 1/14), RD output
• Built-in current limiter circuit
• Built-in LVSD circuit
• Built-in thermal protection circuit
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage range
VCC max
30
V
Output current
IO max
T
≤ 500ms
1.8
A
Allowable power dissipation 1
Pd max1
Independent IC
0.9
W
Allowable power dissipation 2
Pd max2
Mounted on a specified board*
2.1
W
Operating temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
* Mounted on a specified board: 114.3mm
×76.1mm×1.6mm, glass epoxy
Ordering number : ENA0606A
Monolithic Digital IC
24V Fan Motor Driver IC


Numéro de pièce similaire - LB11693JH_10

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
logo
ON Semiconductor
LB11693JH ONSEMI-LB11693JH Datasheet
139Kb / 12P
   24V Fan Motor Driver IC
May, 2013
More results

Description similaire - LB11693JH_10

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LB11693JH ONSEMI-LB11693JH Datasheet
139Kb / 12P
   24V Fan Motor Driver IC
May, 2013
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
LB11692JH SANYO-LB11692JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
logo
Eutech Microelectronics...
EUM6862 EUTECH-EUM6862 Datasheet
273Kb / 2P
   24V PWM Fan Motor Driver
logo
Melexis Microelectronic...
US91A MELEXIS-US91A_14 Datasheet
561Kb / 12P
   24V Hall IC Fan Driver
US90A MELEXIS-US90A Datasheet
307Kb / 12P
   24V Hall IC Fan Driver
US90A MELEXIS-US90A_14 Datasheet
561Kb / 12P
   24V Hall IC Fan Driver
logo
Toshiba Semiconductor
TA8473F TOSHIBA-TA8473F Datasheet
426Kb / 9P
   FAN MOTOR DRIVER IC
logo
Rohm
BA6811F ROHM-BA6811F Datasheet
89Kb / 6P
   Fan motor driver IC
logo
Toshiba Semiconductor
TA8462F TOSHIBA-TA8462F Datasheet
262Kb / 6P
   FAN MOTOR DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com